Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK4S1R4DABN Datasheet(PDF) 1 Page - GREATECS

Part # RK4S1R4DABN
Description  21 x 15 mm SP Rocker Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK4S1R4DABN Datasheet(HTML) 1 Page - GREATECS

  RK4S1R4DABN Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rocker Switches
21 x 15 mm SP Rocker Switches
RK4 Series
RK4S1Q4D_ _ _ _
General Specifications:
FEATURES
» Single pole rocker switch up to 20A 125VAC
» Non illuminated
MATERIALS
» Contact Arm: Silver cadmium alloy
» Terminals: Silver plated copper
» Spring: Piano wire
MECHANICAL
» Temperature Range: -20°C to +125°C
ELECTRICAL
» Electrical Life: 10,000 cycles
» Rating: 20A125VAC, 12A250VAC
10A125VAC, 6A250VAC
6A125VAC, 3A250VAC
6A250VAC
10(4)A250VAC~T125
» Initial Contact Resistance: 20mΩ max.
» Insulation Resistance: 100MΩ min. at 500VDC
RK4
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
6
5
7
8
PANEL CUT-OUT
Snap-in mounting
Y
X (Panal thickness)
Dimension Y
Dimension Z
0.75 to 1.25 mm
19.20 +0.1/-0 mm 12.90 +0.15/-0 mm
1.25 to 2 mm
19.40 +0.1/-0 mm 12.90 +0.15/-0 mm
2 to 3 mm
19.80 +0.1/-0 mm 12.90 +0.15/-0 mm
25.00
7.00
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
21.00
12.60
12.90
21.00
7.00
7.00
7.00
21.00
15.00
Q
4.8mm TAB,
0.8mm Thick
D1 Solder Tag Type 1
D2 Solder Tag Type 2
D3 Solder Tag Type 3
A
B
C
D
E
F
G
RK4S1R4D_ _ _N
RK4S1H4A_ _ _N
RK4S3Q4G_ _ _N
S
1
2
3
4
Q
D1
D2
D3
R
L
H
4
POLES:
Single Pole
SWITCHING:
ON - OFF
ON - ON
ON - OFF - ON
MOM - OFF
TERMINAL (See above drawings):
4.8mm TAB, 0.8mm THICK
Solder Tag Type 1
Solder Tag Type 2
Solder Tag Type 3
Thru Hole Right Angle
Thru Hole Left Angle
Thru Hole Straight
ACTUATOR:
Curve
A
B
C
D
E
F
G
A
H
B
A
H
B
C
N
W
ACTUATOR MARKING:
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
BASE COLOR:
Black
Grey
White
ACTUATOR COLOR:
Black
Grey
White
Red
WATERPROOF COVER:
None Cover (Standard)
With Waterproof Cover
1
2
3
4
5
6
7
8
R
Thru Hole Right Angle
L
Thru Hole Left Angle
H
Thru Hole Straight
ACTUATOR MARKING
TERMINAL
PANEL SIZE
B04


Similar Part No. - RK4S1R4DABN

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RK400A EDI-RK400A Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
RK400B EDI-RK400B Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
TEMEX
RK407 TEMEX-RK407 Datasheet
334Kb / 2P
   Space Oven Controlled Crystal Oscillator
RK408 TEMEX-RK408 Datasheet
348Kb / 2P
   Space Oven Controlled Crystal Oscillator
RK408MS1 TEMEX-RK408MS1 Datasheet
514Kb / 2P
   HIGH RELIABILITY 10-8 STABILITY CLASS OCXO SPACE SOLUTIONS
More results

Similar Description - RK4S1R4DABN

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK3 GREATECS-RK3 Datasheet
222Kb / 1P
   21 x 15 mm SP illuminated Rocker Switches
RK2 GREATECS-RK2 Datasheet
400Kb / 1P
   21 x 15 mm Rocker Switches
RK6 GREATECS-RK6 Datasheet
144Kb / 1P
   21 x 9.5 mm Half Body SP Rocker Switches
RK10 GREATECS-RK10 Datasheet
426Kb / 1P
   31.5 x 17 mm SP illuminated Rocker Switches
RK9 GREATECS-RK9 Datasheet
484Kb / 1P
   32 x 16.5 mm SP illuminated Rocker Switches
RK5 GREATECS-RK5 Datasheet
203Kb / 1P
   21 x 15 mm DP Rocker Switch
RK8 GREATECS-RK8 Datasheet
129Kb / 1P
   15 x 10 mm SP Ultra Miniature Rocker Switch
RK11 GREATECS-RK11 Datasheet
363Kb / 1P
   32 x 25 mm illuminated Rocker Switches
logo
TRIAD MAGNETICS
SP-21 TRIAD-SP-21 Datasheet
39Kb / 1P
   SP-21
logo
GREATECS
RK12 GREATECS-RK12 Datasheet
213Kb / 1P
   23 mm Round illuminated Rocker Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com