Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK15S1A2ABT6AGEV Datasheet(PDF) 1 Page - GREATECS

Part # RK15S1A2ABT6AGEV
Description  Sub-Miniature Rocker Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK15S1A2ABT6AGEV Datasheet(HTML) 1 Page - GREATECS

  RK15S1A2ABT6AGEV Datasheet HTML 1Page - GREATECS RK15S1A2ABT6AGEV Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sub-Miniature Rocker Switches
RK15 Series
Rocker Switches
sales@greatecs.com
www.greatecs.com
1
RK15
How to order:
1
2
POLES & SWITCH FUNCTION:
ACTUATOR
:
1
2
A1
A2
S1
S2
S3
S4
S5
S6
D1
D2
D3
D6
SP ON-NONE-ON
SP ON-NONE-MOM
SP ON-OFF-ON
SP MOM-OFF-MOM
SP ON-OFF-MOM
SP OFF-NONE-ON
DP ON-NONE-ON
DP ON-NONE-MOM
DP ON-OFF-ON
DP ON-ON-ON
ACTUATOR COLOR
3
A
F
E
Black(Std.)
Green
Yellow
ACTUATOR MARKING
4
A
B
C
D
TERMINATIONS
5
T1
T2
T5
T6
T6N
T7
T7N
VS2
V2N
VS3
V3N
Solder Lug
PC Thru Hole
Wire Wrap
PC Thru Hole Right Angle
PC Thru Hole Right Angle Snap-in
PC Thru Hole, Vertical Right Angle
PC Thru Hole ,Vertical Right Angle Snap-in
V-Bracket, Height=8.94mm
Snap-in V-Bracket, Height=8.94mm
V-Bracket, Height=8.94mm
Snap-in V-Bracket, Height=8.94mm
CONTACT MATERIALS :
6
AG
AU
UT
GT
UG
UGT
Silver
Gold
Gold, Tin-Lead
Silver, Tin-Lead
Gold over Silver
Gold over SIlver, Tin-Lead
3
4
5
6
Rocker, 7.62mm wide
Rocker, 5.84mm wide
H
D
K
Grey
Orange
Brown
B
C
G
White
Red
Blue
SEAL:
7
E
Epoxy
ROHS & LEAD FREE
8
V
RoHS Compliant & Lead Free
General Specifications:
MATERIALS
» Movable Contact & Fixed Terminals:
AG, GT, UG & UGT: Silver plated over copper alloy
AU & UT: Gold over nickel plated over copper
alloy
MECHANICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 30,000 cycles
CONTACT RATING
» AG, GT, UG & UGT: 3A120VAC/28VDC
1A250VAC
» AU & UT: 0.4VA max. 20V max. (AC/DC)
ELECTRICAL
» Contact Resistance: 20m
max. initial @ 2-4VDC
100mA for silver & gold plated contacts
» Insulation Resistance: 1,000M
min.
7
8
RK15S1A1A_T1AGEV
RK15D1A1A_T1AGEV
RK15S1A2A_T6AGEV
RK15D1A1A_T6AGEV
RK15S1A1A_T7AGEV
RK15D1A1A_T7AGEV
RK15S1A1A_VS2AGEV
RK15D1A1A_VS3AGEV
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request
E
F
G
H
P.C.MOUNTING
P.C.MOUNTING
P.C.MOUNTING
P.C.MOUNTING
P.C.MOUNTING
P.C.MOUNTING


Similar Part No. - RK15S1A2ABT6AGEV

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-12V NAIS-RK1-12V Datasheet
87Kb / 4P
   1.5 GHz MICROWAVE RELAY
logo
Advantech Co., Ltd.
RK1-1601 ADVANTECH-RK1-1601 Datasheet
426Kb / 2P
   Keyboard Drawer & KVM Benefits
RK1-1602 ADVANTECH-RK1-1602 Datasheet
426Kb / 2P
   Keyboard Drawer & KVM Benefits
logo
Nais(Matsushita Electri...
RK1-24V NAIS-RK1-24V Datasheet
87Kb / 4P
   1.5 GHz MICROWAVE RELAY
More results

Similar Description - RK15S1A2ABT6AGEV

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
E-SWITCH
400 E-SWITCH-400 Datasheet
699Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
400A E-SWITCH-400A Datasheet
485Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
logo
GREATECS
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com