Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK5D3Q4DBHN Datasheet(PDF) 1 Page - GREATECS

Part # RK5D3Q4DBHN
Description  21 x 15 mm DP Rocker Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK5D3Q4DBHN Datasheet(HTML) 1 Page - GREATECS

  RK5D3Q4DBHN Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rocker Switches
21 x 15 mm DP Rocker Switch
RK5 Series
RK5D3Q4_ _ _ _N ON-OFF-ON
General Specifications:
FEATURES
» Doule pole rocker switch up to 10(4)A 250VAC
» Non-illuminated
MATERIALS
» Contact Arm: Silver plated copper alloy
» Terminal: Silver plated copper
» Spring: Piano wire
MECHANICAL
» Temperature Range: -20°C to +85°C
ELECTRICAL
» Electrical Life: 10,000 cycles
» Rating: 13A125VAC / 10A250VAC /
1/2HP 125/250VAC
10A125/250VAC
10(4)A250VAC~ µT85
» Initial Contact Resistance: 20mΩ max.
» Insulation Resistance: 100MΩ min. at 500VDC
RK5
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
6
5
7
8
Q
4.8mm TAB,
0.8mm Thick
D
Solder Tag
4 Curve
(No Illuminated)
PANEL CUT-OUT
Snap-in mounting
Y
X (Panal thickness)
Dimension Y
Dimension Z
0.75 to 1.25 mm
19.20 +0.1/-0 mm 12.90 +0.15/-0 mm
1.25 to 2 mm
19.40 +0.1/-0 mm 12.90 +0.15/-0 mm
2 to 3 mm
19.80 +0.1/-0 mm 12.90 +0.15/-0 mm
A
B
C
D
F
G
RK5D1Q4_ _ _ _N ON-OFF
21.00
5.50
7.60
11.00
CIRCUIT
21.00
5.50
7.60
11.00
CIRCUIT
D
1
2
3
4
5
Q
D
4
A
B
C
D
F
G
POLES:
Double Poles
SWITCHING:
ON - OFF
ON - ON
ON - OFF - ON
MOM - OFF
MOM - ON
TERMINAL (See above drawings):
4.8mm TAB, 0.8mm THICK
Solder Tag
ACTUATOR (See above drawings):
Curve
ACTUATOR MARKING:
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
A
H
B
A
H
B
C
N
W
BASE COLOR:
Black
Grey
White
ACTUATOR COLOR:
Black
Grey
White
Red
WATERPROOF COVER:
None Cover (Standard)
With Waterproof Cover
1
2
3
4
6
5
7
8
ACTUATOR
ACTUATOR MARKING
TERMINAL
PANEL SIZE
B05


Similar Part No. - RK5D3Q4DBHN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK50 ALPS-RK50 Datasheet
213Kb / 3P
   50mm Size Metal Shaft High-quality-audio Type
logo
Electronic devices inc.
RK500A EDI-RK500A Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
RK500B EDI-RK500B Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
ALPS ELECTRIC CO.,LTD.
RK501 ALPS-RK501 Datasheet
774Kb / 4P
   High sound quality, good response and high grade for high end audio devices
RK50112A0004 ALPS-RK50112A0004 Datasheet
213Kb / 3P
   50mm Size Metal Shaft High-quality-audio Type
More results

Similar Description - RK5D3Q4DBHN

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK2 GREATECS-RK2 Datasheet
400Kb / 1P
   21 x 15 mm Rocker Switches
RK4 GREATECS-RK4 Datasheet
481Kb / 1P
   21 x 15 mm SP Rocker Switches
RK3 GREATECS-RK3 Datasheet
222Kb / 1P
   21 x 15 mm SP illuminated Rocker Switches
RK8 GREATECS-RK8 Datasheet
129Kb / 1P
   15 x 10 mm SP Ultra Miniature Rocker Switch
RK6 GREATECS-RK6 Datasheet
144Kb / 1P
   21 x 9.5 mm Half Body SP Rocker Switches
logo
STMicroelectronics
ANT7-M24LR-A STMICROELECTRONICS-ANT7-M24LR-A Datasheet
91Kb / 3P
   15 mm x 15 mm antenna reference board
logo
GREATECS
RK11 GREATECS-RK11 Datasheet
363Kb / 1P
   32 x 25 mm illuminated Rocker Switches
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
   Switch Rocker
logo
CW Industries
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
   ROCKER SWITCH
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
   ROCKER SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com