Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB59MTAABNCJ Datasheet(PDF) 3 Page - GREATECS

Part # PB59MTAABNCJ
Description  Silent Pushbutton Switch with LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB59MTAABNCJ Datasheet(HTML) 3 Page - GREATECS

  PB59MTAABNCJ Datasheet HTML 1Page - GREATECS PB59MTAABNCJ Datasheet HTML 2Page - GREATECS PB59MTAABNCJ Datasheet HTML 3Page - GREATECS PB59MTAABNCJ Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pushbutton Switches
Silent Pushbutton Switch with LED
PB59 Series
sales@greatecs.com
www.greatecs.com
3
8. DURABILITY
8.1. OPERATING LIFE WITHOUT LOAD 1,000,000 MIN.
8.2. OPERATING LIFE WITH LOAD 200,000 MIN.
8.3. SPECIFICATIONS
8.3.1.
8.3.2.
8.3.3.
8.3.4.
9. ENVIRONMENTAL PERFORMANCE
ITEM
TEST CONDITIONS
CRITERIA
9-1 COLD
-20 2
FOR 96
HOURS
1. IT SHOULD MEET THE REQUIREMENTS OF
ITEM 5 STATED
2. MECHANICAL PERFORMANCE SHOULD
REMAIN TO NORMAL
9-2 DRY HEAT
70 2
FOR 96
HOURS
1. THE CONTACT RESISTANCE SHOULD BE
LESS THAN 300 m
2. IT SHOULD MEET THE REQUIREMENTS OF
5-2 AND 5-3
3. MECHANICAL PERFORMANCE SHOULD
REMAIN TO NORMAL
9-3 DAMP HEAT 40 2
FOR 96 HOURS
1. THE CONTACT RESISTANCE SHOULD BE
LESS THAN 300 m
2. THE INSULATION RESISTANCE SHOULD BE
HIGHER THAN 10 M
3. DIELECTRIC STRENGTH SHOULD MEET 5-3
STATED
4. MECHANICAL PERFORMANCE SHOULD
REMAIN TO NORMAL
10. LED SPECIFICATIONS
LED SPECIFICATIONS WILL BE FURNISHED DEPENDING ON DIFFERENT LED COLOR
DEMAND


Similar Part No. - PB59MTAABNCJ

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB59 LUMILEDS-PB59 Datasheet
1Mb / 2P
   High flux solution for signaling applications
More results

Similar Description - PB59MTAABNCJ

ManufacturerPart #DatasheetDescription
logo
GREATECS
PB40 GREATECS-PB40 Datasheet
1Mb / 7P
   Illuminated Pushbutton Switch with LED
logo
C&K Components
QSA CK-COMPONENTS-QSA Datasheet
360Kb / 3P
   Silent Navigation Switch for SMT
PLP16 CK-COMPONENTS-PLP16 Datasheet
552Kb / 4P
   Panel Mount LED Sealed Pushbutton Switch
8 Nov 21
logo
Omron Electronics LLC
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
   Pushbutton Switch
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
   Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
   Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
   Pushbutton Switch
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
   Momentary Pushbutton Switches with LED
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
   Industrial Pushbutton Switch
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
   Backlit Pushbutton Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com