Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7000CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N7000CSM
Description  N.CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N7000CSM Datasheet(HTML) 2 Page - Seme LAB

  2N7000CSM Datasheet HTML 1Page - Seme LAB 2N7000CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Min.
Typ.
Max.
Unit
RqJA
Thermal Resistance, Junction to Ambient
416
°C/W
V(BR)DSS Gate – Source Breakdown Voltage
VGS(th)
Gate Threshold Voltage
IGSS
Gate – Body Leakage Current
IDSS
Zero Gate Voltage Drain Current
ID(on)*
On–State Drain Current
RDS(on)* Drain – Source On Resistance
VDS(on)* Drain – Source On Voltage
gFS*
Forward Transconductance
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
tON
Turn–On Time
tOFF
Turn–Off Time
Prelim. 8/00
2N7000CSM
Magnatec.
Telephone +44(0)1455 554711.
Fax +44(0)1455 558843.
E-mail: magnatec@semelab.co.uk Website: http://www.semelab.co.uk
ELECTRICAL CHARACTERISTICS (T
CASE = 25°C unless otherwise stated)
VGS = 0V
ID = 10mA
VDS = VGS
ID = 0.25mA
VGS = ±20VVDS = 0V
VDS = 60V
VGS = 0V
TCASE = 125°C
VDS³2VDS(ON) VGS = 4.5V
VGS = 10V
ID = 0.5A
TCASE = 125°C
VGS = 4.5V
ID = 75mA
VGS = 10V
ID = 0.5A
VGS = 10V
ID = 0.5A
VDS = 25V
VGS = 0V
f = 1MHz
VDD = 30V
VGEN = 10V
RL = 150W
RG = 25W
ID = 0.2A
60
70
0.8
3.0
-10
1
1
75
5
9
0.4
2.5
100
60
25
5
10
10
V
nA
mA
mA
mA
W
V
ms
pF
ns
STATIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS
SWITCHING CHARACTERISTICS
* Pulse Test: PW = 80
ms , d£ 1%
Parameter
Test Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - 2N7000CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N7000CSM SEME-LAB-2N7000CSM Datasheet
48Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOS TRANSISTOR
2N7000CSM SEME-LAB-2N7000CSM_06 Datasheet
48Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOS TRANSISTOR
More results

Similar Description - 2N7000CSM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHC20306 PHILIPS-PHC20306 Datasheet
55Kb / 8P
   Complementary enhancement mode MOS transistor
1998 Feb 18
logo
Vishay Siliconix
BF996S VISHAY-BF996S Datasheet
133Kb / 8P
   N.Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
logo
NXP Semiconductors
PHP109 PHILIPS-PHP109 Datasheet
101Kb / 12P
   P-channel enhancement mode MOS transistor
1997 Jun 18
BSH105 PHILIPS-BSH105 Datasheet
145Kb / 7P
   N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
logo
Seme LAB
2N7002CSM SEME-LAB-2N7002CSM Datasheet
14Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Calogic, LLC
2N7000 CALOGIC-2N7000 Datasheet
25Kb / 2P
   N-Channel Enhancement-Mode MOS Transistor
2N7002 CALOGIC-2N7002 Datasheet
24Kb / 2P
   N-Channel Enhancement-Mode MOS Transistor
logo
Seme LAB
2N6660CSM4 SEME-LAB-2N6660CSM4 Datasheet
43Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Nexperia B.V. All right...
BSH202 NEXPERIA-BSH202 Datasheet
229Kb / 8P
   P-channel enhancement mode MOS transistor
August 1998
logo
NXP Semiconductors
BSH101 PHILIPS-BSH101 Datasheet
643Kb / 12P
   N-channel enhancement mode MOS transistor
2000 Jul 19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com