Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD82THRS216RTB Datasheet(PDF) 2 Page - GREATECS

Part # RD82THRS216RTB
Description  10 x 10 mm Sealed Rotary DIP Switches (THR)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RD82THRS216RTB Datasheet(HTML) 2 Page - GREATECS

  RD82THRS216RTB Datasheet HTML 1Page - GREATECS RD82THRS216RTB Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rotary Switches
10 x 10 mm Sealed Rotary DIP Switches (THR)
RD82T Series
sales@greatecs.com
www.greatecs.com
2
CODE
Real Code
Comlementary Code
Gray Code
Special Code
NR
NS
ND
NE


Similar Part No. - RD82THRS216RTB

ManufacturerPart #DatasheetDescription
logo
NEC
RD82E NEC-RD82E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
New Jersey Semi-Conduct...
RD82E NJSEMI-RD82E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD82EB NEC-RD82EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
SEMTECH ELECTRONICS LTD...
RD82EB SEMTECH_ELEC-RD82EB Datasheet
477Kb / 8P
   ZENER DIODES
logo
NEC
RD82EB1 NEC-RD82EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD82THRS216RTB

ManufacturerPart #DatasheetDescription
logo
GREATECS
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
   10 x 10 mm Sealed Rotary DIP Switches (THR)
RD81T GREATECS-RD81T Datasheet
222Kb / 1P
   7.4 x 7.4 mm Sealed Mini Rotary DIP Switches (THR)
RD1 GREATECS-RD1 Datasheet
314Kb / 1P
   10 x 10 mm Rotary DIP Switches with 3:3 Pinout
RD2 GREATECS-RD2 Datasheet
272Kb / 1P
   10 x 10 mm Rotary DIP Switches with 1:4 Pinout
RD3 GREATECS-RD3 Datasheet
264Kb / 1P
   7.2 x 7.2 mm Rotary DIP Switches
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
Omron Electronics LLC
A6CV OMRON-A6CV Datasheet
583Kb / 4P
   Sealed Rotary DIP Switch
A6A OMRON-A6A Datasheet
614Kb / 6P
   Sealed Rotary DIP Switch
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
   7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
Tyco Electronics
2-1437584-1 MACOM-2-1437584-1 Datasheet
116Kb / 2P
   Rotary Dip Switches, Process Sealed, Through Hole and Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com