Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

334-15-T2C1-4UWC-R10 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 334-15-T2C1-4UWC-R10
Description  Popular T-1 3/4 round package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

334-15-T2C1-4UWC-R10 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 334-15-T2C1-4UWC-R10 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 10Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-03-05 18:28:58.0
Technical Data Sheet
334-15/T2C1-4UWC/R10
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
1
Page: 7 of 14
Device Number: DLE-0002699
Established date:03-01-2010
Established by: Ruby Lin
0
20
40
60
80
100
0
10
20
30
40
Ambient Temperature Ta(
OC)
0
10
20
30
40
50
0.260
0.270
0.280
0.290
0.300
0.310
0.320
0.330
Forward Current(mA)
x
y
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength
Forward Current vs. Forward Voltage
Relative Intensity vs. Forward Current
Forward Current vs. Ambient Temp.
Chromaticity Coordinate vs. Forward Current
Relative Intensity vs. Angle Displacement
350
400
450
500
550
600
650
700
750
800
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength(nm)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
Forward Current(mA)
0
10
20
30
40
50
60
70
80
90
O
O
O
O
O
O
O
O
O
O
0
1.0
1.0
0.5
30
O
60
O
90
O
0
0.5
Radiation Angle
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
5
10
15
20
25
Forward Voltage(V)


Similar Part No. - 334-15-T2C1-4UWC-R10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T2C1-4UWC EVERLIGHT-334-15-T2C1-4UWC Datasheet
366Kb / 12P
   Popular T-1 3/4 round package
More results

Similar Description - 334-15-T2C1-4UWC-R10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
334-15-T2C1-1UWB_V2 EVERLIGHT-334-15-T2C1-1UWB_V2 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C3-1RTB EVERLIGHT-334-15-T2C3-1RTB Datasheet
259Kb / 11P
   Popular T-1 3/4 round package
334-15-T2C5-1MQB EVERLIGHT-334-15-T2C5-1MQB Datasheet
257Kb / 11P
   Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA Datasheet
364Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C1-2UWC EVERLIGHT-334-15-T2C1-2UWC Datasheet
279Kb / 12P
   Popular T-1 3/4 round package
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
   Popular T-1 3/4 round package.
334-15-T1C5-4PRA EVERLIGHT-334-15-T1C5-4PRA_11 Datasheet
336Kb / 12P
   Popular T-1 3/4 round package.
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
334-15-T2C3-4RTB EVERLIGHT-334-15-T2C3-4RTB Datasheet
269Kb / 12P
   Popular T-1 3/4 round package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com