Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSPRO2X2-I3CAS1C1A Datasheet(PDF) 4 Page - OptoSupply International

Part # OSPRO2X2-I3CAS1C1A
Description  850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSPRO2X2-I3CAS1C1A Datasheet(HTML) 4 Page - OptoSupply International

  OSPRO2X2-I3CAS1C1A Datasheet HTML 1Page - OptoSupply International OSPRO2X2-I3CAS1C1A Datasheet HTML 2Page - OptoSupply International OSPRO2X2-I3CAS1C1A Datasheet HTML 3Page - OptoSupply International OSPRO2X2-I3CAS1C1A Datasheet HTML 4Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Product Circuit:
1
CAUTION:
To prevent electric shocks and risk of fire hazards, do NOT use other than
specified power source.
The
power
supply
must
through
safe
attestation.
Its
output
Voltage/current/voltage polarity and operating temperature must match the
requirement.
Please note the IR module’s operating temperature and its using environment
requirement. Avoid using at too high or too low temperatures.
Model No.
OSPRO2X2-
XXLAS1C1A
REV.
C1
DC6V


Similar Part No. - OSPRO2X2-I3CAS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPRO2X2-I3CAS1C1A OPTOSUPPLY-OSPRO2X2-I3CAS1C1A Datasheet
68Kb / 4P
   850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
More results

Similar Description - OSPRO2X2-I3CAS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPRO2X2-I3CAS1C1A OPTOSUPPLY-OSPRO2X2-I3CAS1C1A Datasheet
68Kb / 4P
   850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X3-I3CAS1C1A OPTOSUPPLY-OSPRO2X3-I3CAS1C1A Datasheet
69Kb / 4P
   12V 850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X3-XXXAS1C1A OPTOSUPPLY-OSPRO2X3-XXXAS1C1A Datasheet
69Kb / 4P
   12V 850nm & 940nm Infrared SMD LED Ring Total Watts: 0.3W
OSFKS5XX OPTOSUPPLY-OSFKS5XX Datasheet
69Kb / 3P
   PRODUCT SPECIFICATION FOR 850nm & 940nm Infrared LED Ring
FRS5IS OPTOSUPPLY-FRS5IS Datasheet
113Kb / 3P
   850nm & 940nm Infrared LED Module
FRS5XX OPTOSUPPLY-FRS5XX Datasheet
113Kb / 3P
   850nm & 940nm Infrared LED Module Each LED watts: 0.06W
logo
CT Micro International ...
IRP3016W24-G0 CTMICRO-IRP3016W24-G0 Datasheet
839Kb / 8P
   SMD Type 940nm Infrared Emitter
IRC3020N13-B20 CTMICRO-IRC3020N13-B20 Datasheet
768Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP3216N18-D0 CTMICRO-IRP3216N18-D0 Datasheet
856Kb / 9P
   SMD Type 940nm Infrared Emitter
IRP1608Q06-B30 CTMICRO-IRP1608Q06-B30 Datasheet
778Kb / 9P
   SMD Type 940nm Infrared Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com