Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKR8 Datasheet(PDF) 1 Page - Semikron International

Part # SKR8
Description  DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKR8 Datasheet(HTML) 1 Page - Semikron International

  SKR8 Datasheet HTML 1Page - Semikron International SKR8 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SKR 8,9 Qu bond
© by SEMIKRON
Rev. 1 – 19.02.2010
1
DIODE
SKR
IF(DC) = 140 A
VRRM = 1600 V
Size: 8,9 mm x 8,9 mm
SKR 8,9 Qu bond
Features
• high current density due to mesa
technology
• high surge current
• compatible to thick wire bonding
• compatible to all standard solder
processes
Typical Applications*
• uncontrolled rectifier bridges
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
VRRM
Tj =25°C, IR =0.05mA
1600
V
IF(AV)
Ts =80°C, Tj = 150 °C
110
A
i2t
Tj = 150 °C, 10 ms, sin 180°
9520
A2s
IFSM
10 ms
sin 180°
Tj =25°C
1600
A
Tj = 150 °C
1380
A
Tjmax
150
°C
Electrical Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
IR
Tj =25°C, VRRM
0.05
mA
Tj = 145 °C, VRRM
1.1
mA
VF
Tj =25°C, IF =77A
11.21
V
Tj = 125 °C, IF =77A
0.9
1.1
V
V(TO)
Tj = 125 °C
0.83
V
rT
Tj = 125 °C
2.2
mΩ
trr
Tj =25°C, ± 1A
26
µs
Thermal Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Tj
-40
150
°C
Tstg
-40
150
°C
Tsolder
10 min.
250
°C
Tsolder
5 min.
320
°C
Rth(j-s)
soldered on 0,38 mm DCB, reference
point on copper heatsink close to the
chip
0.45
K/W
Mechanical Characteristics
Symbol
Conditions
Values
Unit
Raster
size
8.9 x 8.9
mm2
Area total
79.21
mm2
Anode
bondable (Al)
Cathode
solderable (Ag/Ni)
Wire bond
Al, diameter ≤ 500 µm
Package
wafer frame
Chips /
Package
181
pcs


Similar Part No. - SKR8

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKR8 SEMIKRON-SKR8 Datasheet
184Kb / 2P
   DIODE
More results

Similar Description - SKR8

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
   Diode-Diode Modules
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com