Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB638 Datasheet(PDF) 4 Page - GREATECS

Part # MB638
Description  SMT Double Action Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MB638 Datasheet(HTML) 4 Page - GREATECS

  MB638 Datasheet HTML 1Page - GREATECS MB638 Datasheet HTML 2Page - GREATECS MB638 Datasheet HTML 3Page - GREATECS MB638 Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Multi-Direction Switches
SMT Double Action Switch
MB6 Series
sales@greatecs.com
www.greatecs.com
4
H01
11
Operating
Life
Measurements shall be made following
the test forth below
1 5mA,5 VDC resistive load
2 Applying a static load the operating
force to the center of the stem in the
direction of operation
Static Load
OF Max.
3 Cycle of Operation
30,000 cycles Min
1 Operating force:±30% of
initial force
2 Contact Resistance:
10
Max
3 Insulation Resistance:
10M
Min
4 Bounce:
20 m seconds max
Voltage: AC 250V 1minute
Min
12
Resistance
Low
Tempera- ture
Following the test set forth below
the sample shall be left in normal
temperature and humidity
conditions for 1 hour before the
measurements are made:
1 Temperature:-30±2
2 Time: 96 hours
1 Contact Resistance:
10
Max
2 Insulation Resistance:
10M
Min
3 Bounce:
20 m seconds max
4
Voltage: AC 250V 1minute
Min
13
Heat
Resistance
Following the test set forth below the
sample shall be left in normal
temperature and humidity conditions
for 1 hour before the measurements
are made:
1 Temperature:85±2
2 Time: 96 hours
Ditto
14
Humidity
Resistance
Following the test set forth below
the sample shall be left in normal
temperature and humidity
conditions for 1 hour before the
measurements are made:
1 Temperature:40±2
2 Relative Humidity: 90~95%
3 Time: 96 hours
Ditto
5. SOLDERING CONDITIONS:
Temperature
Room
150°C
MAX 260°C
60sec
120~150sec
TIME(sec)
255°C
230°C
5~10sec
Manual Soldering
Soldering Temperature
Max. 350 °C
Continuous Soldering Time
Max. 5 seconds
Reflowl Soldering
5


Similar Part No. - MB638

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
MB630-CRM GSR-MB630-CRM Datasheet
362Kb / 2P
   3rd/2nd Gen Intel짰 CoreTMa ATX
logo
Murata Manufacturing Co...
MB63101BAN MURATA-MB63101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB63101BBN MURATA-MB63101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB63101CAN MURATA-MB63101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB63101CBN MURATA-MB63101CBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB638

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TS2 E-SWITCH-TS2 Datasheet
157Kb / 1P
   SMT SNAP ACTION SWITCH
logo
Schurter Inc.
MSMDP19 SCHURTER-MSMDP19_V01 Datasheet
622Kb / 7P
   Momentary action switch double pole
05.01.2022
logo
Cherry Semiconductor Co...
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
   Snap Action Switch Double Pole General Purpose
logo
Gamewell-FCI by Honeywe...
MS-7 GAMEWELL-FCI-MS-7 Datasheet
389Kb / 2P
   Double action station
logo
SHINMEI ELECTRIC CO., L...
TSW-12 SHINMEI-TSW-12 Datasheet
323Kb / 8P
   Multi-Functional Switch (Double Action Tactile Rotary Encoder)
logo
Tyco Electronics
408-4485 MACOM-408-4485 Datasheet
112Kb / 5P
   Double Action Hand Tool
logo
TE Connectivity Ltd
C-90120 TEC-C-90120 Datasheet
67Kb / 1P
   DOUBLE ACTIon HAND TOOL
A
logo
Alcoa international inc...
99-600 ALCOA-99-600 Datasheet
118Kb / 2P
   Double Action, Blind Bolt
99-589 ALCOA-99-589 Datasheet
146Kb / 2P
   Double Action, Blind Bolt
logo
ALPS ELECTRIC CO.,LTD.
SPEE ALPS-SPEE Datasheet
295Kb / 3P
   Horizontal Type Double Action
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com