Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JL15SKSCP2D Datasheet(PDF) 4 Page - GREATECS

Part # JL15SKSCP2D
Description  Ultra-Thin Illuminated Tactile Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

JL15SKSCP2D Datasheet(HTML) 4 Page - GREATECS

  JL15SKSCP2D Datasheet HTML 1Page - GREATECS JL15SKSCP2D Datasheet HTML 2Page - GREATECS JL15SKSCP2D Datasheet HTML 3Page - GREATECS JL15SKSCP2D Datasheet HTML 4Page - GREATECS JL15SKSCP2D Datasheet HTML 5Page - GREATECS JL15SKSCP2D Datasheet HTML 6Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Illuminated Switches
Ultra-Thin Process Sealed Illuminated Tactile Switches
JF Series
JF15RP1_ _
General Specifications:
ELECTRICAL CAPACITY (Resistive Load)
» Low Level: 50mA@24VDC
OTHER RATINGS:
» Contact Resistance: 50m
Ω max.
» Insulation Resistance: 500M
Ω min.@250VDC
» Mechanical Life: 500,000 operations min.
» Electrical Life: 500,000 operations min.
» Norminal Operating Force: 3.0N for flush actuator
2.0N for sculptured actuator
» Total Travel: 0.4mm for flush actuator
0.8mm for sculptured actuator
MATERIALS
» Movable Contacts: Phosphor bronze with silver
plating
» Stationary Contacts: Brass with silver plating
» Terminals: Brass with silver plating
ENVIRONMENTAL DATA
» Operating Temperature: -25°C through +70°C
PCB PROCESSING
» Soldering: Wave soldering recommended.
Manual Soldering 4 sec. max. @ 390°C max.
JF
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
JF15RP3_ _
5
JF15RP2_ _
5.08
10.16
0.8 Typ
+
10.16
0.3
0.3 Typ
3.6
10.3
12.7
7.3
3.0 Min
3.0
0.5 Sq
8.85
13.5
2.7
6.0
7.3
8.2
16.4
17.7
13.0 Sq
26.9
+
1
3
4
2
10.16
1.0 Dia Typ
12.7
10.16
5.08
3
1
2
4
+
_
12.7
10.16
1.0 Dia Typ
5.08
5.08
3
1
2
4
+
_
12.7
10.16
1.0 Dia Typ
5.08
5.08
3
1
2
4
+
_
12.7
10.16
1.0 Dia Typ
5.08
5.08
5.08
0.2 Typ
10.16
0.8 Typ
3.0
0.5
5.08
12.7
0.3 Typ
3.6
8.68
0.3
5.7
6.0 Min
13.95
11.43
2.2
5.6
1.6
3.8
14.0 Sq
17.7
16.4 Sq
8.85
10.16
0.8 Typ
5.08
0.2 Typ
3.0
0.5
5.08
12.7
0.3 Typ
3.6
8.68
0.3
5.7
6.0 Min
13.95
11.43
2.2
5.6
1.6
3.8
14.0 Dia
17.7
16.4 Sq
8.85
5.08
0.2 Typ
10.16
0.8 Typ
12.7
3.0
0.5
5.08
0.3
1.7
8.68
3.6
0.3 Typ
5.7
6.0 Min
14.0 Sq
8.85
11.43
13.95
17.7
16.4 Sq
2.2
5.6
1.6
3.8
JF15AP1_ _
Spot Illumination
Square Actuator
Spot Illumination
Round Actuator
Spot Illumination
Sculptured Actuator
Full Face Illumination
Square Actuator
15
R
A
P
1
2
3
POLE & CIRCUIT:
SPST OFF-MOM
ILLUMINATION:
Spot
Full Face (with square actuator
only)
TERMINALS:
Straight PC
ACTUATOR TYPES:
Square
Round
Sculptured
C
D
F
G
H
C
E
F
C
E
F
ACTUATOR COLORS:
Spot Illuminated:
Red
Orange
Green
Blue
Gray
Full Face Illuminated
(LED color must match
actuator color):
Red
Yellow
Green
LED COLORS:
Red
Yellow
Green
1
2
3
4
5
6
6
J25


Similar Part No. - JL15SKSCP2D

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JL15SKSCCP2 NKK-JL15SKSCCP2 Datasheet
134Kb / 4P
   Illuminated Ultra-Thin Tactiles
JL15SKSCDP2 NKK-JL15SKSCDP2 Datasheet
134Kb / 4P
   Illuminated Ultra-Thin Tactiles
JL15SKSCFP2 NKK-JL15SKSCFP2 Datasheet
134Kb / 4P
   Illuminated Ultra-Thin Tactiles
More results

Similar Description - JL15SKSCP2D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3W-9 OMRON-B3W-9 Datasheet
875Kb / 10P
   Illuminated Tactile Switches
logo
GREATECS
TP34 GREATECS-TP34 Datasheet
79Kb / 1P
   0.35 x 3.7 x 3.7 mm Ultra-Low Thin Tactile Switches
logo
Nihon Kaiheiki Industry...
JL15SKSBCP2 NKK-JL15SKSBCP2 Datasheet
134Kb / 4P
   Illuminated Ultra-Thin Tactiles
GW12LJPC NKK-GW12LJPC Datasheet
115Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
logo
List of Unclassifed Man...
GW12LJPD ETC2-GW12LJPD Datasheet
387Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
logo
HOKURIKU ELECTRIC INDUS...
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
   Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
   Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
   Tactile Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com