Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

334-15-T1C3-7TVA Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 334-15-T1C3-7TVA
Description  Popular T-1 3/4 round package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

334-15-T1C3-7TVA Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button 334-15-T1C3-7TVA Datasheet HTML 2Page - Everlight Electronics Co., Ltd 334-15-T1C3-7TVA Datasheet HTML 3Page - Everlight Electronics Co., Ltd 334-15-T1C3-7TVA Datasheet HTML 4Page - Everlight Electronics Co., Ltd 334-15-T1C3-7TVA Datasheet HTML 5Page - Everlight Electronics Co., Ltd 334-15-T1C3-7TVA Datasheet HTML 6Page - Everlight Electronics Co., Ltd 334-15-T1C3-7TVA Datasheet HTML 7Page - Everlight Electronics Co., Ltd 334-15-T1C3-7TVA Datasheet HTML 8Page - Everlight Electronics Co., Ltd 334-15-T1C3-7TVA Datasheet HTML 9Page - Everlight Electronics Co., Ltd 334-15-T1C3-7TVA Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-04-23 23:38:10.0
Technical Data Sheet
334-15/T1C3-7TVA
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev: 1
Page: 6 of 12
Device Number: DLE-0001287
Established date:04-16-2009
Established by: Ruby Lin
CIE Chromaticity Diagram
Color Ranks (IF=20mA,Ta=25 )
Color Ranks
CIE
X
0.287
0.307
0.311
0.296
B5
Y
0.295
0.315
0.294
0.276
X
0.307
0.33
0.33
0.311
B6
Y
0.315
0.339
0.318
0.294
*Measurement uncertainty of the color coordinates:±0.01
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.0
0.2
0.4
0.6
0.8
5600K
7000K
9000K
B5
B6
CIE-X


Similar Part No. - 334-15-T1C3-7TVA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
More results

Similar Description - 334-15-T1C3-7TVA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
334-15-T2C1-1UWB_V2 EVERLIGHT-334-15-T2C1-1UWB_V2 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C3-1RTB EVERLIGHT-334-15-T2C3-1RTB Datasheet
259Kb / 11P
   Popular T-1 3/4 round package
334-15-T2C5-1MQB EVERLIGHT-334-15-T2C5-1MQB Datasheet
257Kb / 11P
   Popular T-1 3/4 round package
334-15-T2C1-2UWC EVERLIGHT-334-15-T2C1-2UWC Datasheet
279Kb / 12P
   Popular T-1 3/4 round package
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
   Popular T-1 3/4 round package.
334-15-T1C5-4PRA EVERLIGHT-334-15-T1C5-4PRA_11 Datasheet
336Kb / 12P
   Popular T-1 3/4 round package.
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
334-15-T2C3-4RTB EVERLIGHT-334-15-T2C3-4RTB Datasheet
269Kb / 12P
   Popular T-1 3/4 round package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com