Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSFKS5JC Datasheet(PDF) 3 Page - OptoSupply International

Part # OSFKS5JC
Description  PRODUCT SPECIFICATION FOR 850nm & 940nm Infrared LED Ring
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSFKS5JC Datasheet(HTML) 3 Page - OptoSupply International

  OSFKS5JC Datasheet HTML 1Page - OptoSupply International OSFKS5JC Datasheet HTML 2Page - OptoSupply International OSFKS5JC Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.optosupply.com
VER 3.0
3
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
15
V
Input Current (DC)
Ii
190
mA
Power Dissipation
Pa
2.85
W
Operating Temperature
Tope
-10 ~ +60
DegC
Storage Temperature
Tstg
-20 ~ +50
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
2.16
2.85
w
Input Voltage(DC)
Vi
-
12
15
V
Product Input Current
If
-
180
190
mA
LED Quantity
QTY
-
18
-
PCS
Total Diameter of PCB
Lmod.
-
44
-
mm
Net Weight
Wei.
---
7.44
---
g
Caution
To prevent electric shocks and risk of fire hazards, do NOT use other than
specified power source.
The power supply must through safe attestation. Its output voltage/ current/
voltage polarity and operating temperature must match the requirement.
Please note the IR module’s operating temperature and its using environment
requirement. Avoid using at too high or too low temperatures.
Model No.
OSFKS5XX
REV.
C1


Similar Part No. - OSFKS5JC

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSF003106GD-B5SAS1C1A OPTOSUPPLY-OSF003106GD-B5SAS1C1A Datasheet
40Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSF003106GD-G5DAS1C1A OPTOSUPPLY-OSF003106GD-G5DAS1C1A Datasheet
40Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSF003106GD-K5DLS1C1A OPTOSUPPLY-OSF003106GD-K5DLS1C1A Datasheet
40Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSF003106GD-M54LS1C1A OPTOSUPPLY-OSF003106GD-M54LS1C1A Datasheet
40Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSF003106GD-O5GAS1C1A OPTOSUPPLY-OSF003106GD-O5GAS1C1A Datasheet
40Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
More results

Similar Description - OSFKS5JC

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPRO2X2-XXXAS1C1A OPTOSUPPLY-OSPRO2X2-XXXAS1C1A Datasheet
68Kb / 4P
   850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X2-I3CAS1C1A OPTOSUPPLY-OSPRO2X2-I3CAS1C1A Datasheet
68Kb / 4P
   850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
FRS5IS OPTOSUPPLY-FRS5IS Datasheet
113Kb / 3P
   850nm & 940nm Infrared LED Module
OSPRO2X3-I3CAS1C1A OPTOSUPPLY-OSPRO2X3-I3CAS1C1A Datasheet
69Kb / 4P
   12V 850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X3-XXXAS1C1A OPTOSUPPLY-OSPRO2X3-XXXAS1C1A Datasheet
69Kb / 4P
   12V 850nm & 940nm Infrared SMD LED Ring Total Watts: 0.3W
FRS5XX OPTOSUPPLY-FRS5XX Datasheet
113Kb / 3P
   850nm & 940nm Infrared LED Module Each LED watts: 0.06W
OSFRS5LWA OPTOSUPPLY-OSFRS5LWA Datasheet
67Kb / 3P
   PRODUCT SPECIFICATION FOR 5mm Round White LED Ring
OSFRS5LXX OPTOSUPPLY-OSFRS5LXX Datasheet
67Kb / 3P
   PRODUCT SPECIFICATION FOR 5mm Round White LED Ring
logo
STANLEY ELECTRIC CO.,LT...
TAN1109F-TR STANLEY-TAN1109F-TR Datasheet
574Kb / 21P
   Infrared LED (Peak wavelength : 940nm)
logo
Rohm
RLD94SAQ6 ROHM-RLD94SAQ6 Datasheet
277Kb / 4P
   940nm Infrared VCSEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com