Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKM400GA12V Datasheet(PDF) 1 Page - Semikron International

Part # SKM400GA12V
Description  SEMITRANS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM400GA12V Datasheet(HTML) 1 Page - Semikron International

  SKM400GA12V Datasheet HTML 1Page - Semikron International SKM400GA12V Datasheet HTML 2Page - Semikron International SKM400GA12V Datasheet HTML 3Page - Semikron International SKM400GA12V Datasheet HTML 4Page - Semikron International SKM400GA12V Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SKM400GA12V
© by SEMIKRON
Rev. 3 – 23.03.2011
1
SEMITRANS® 4
GA
SKM400GA12V
Features
• V-IGBT = 6. Generation Trench V-IGBT
(Fuji)
• CAL4 = Soft switching 4. Generation
CAL-diode
• Isolated copper baseplate using DBC
technology (Direct Copper Bonding)
• UL recognized, file no. E63532
• Increased power cycling capability
• With integrated gate resistor
• Low switching losses at high di/dt
Typical Applications*
•AC inverter drives
•UPS
• Electronic welders
• Switched reluctance motor
Remarks
• Case temperature limited to
Tc = 125°C max, recomm.
Top = -40 ... +150°C, product
rel. results valid for Tj = 150°
Absolute Maximum Ratings
Symbol Conditions
Values
Unit
IGBT
VCES
Tj =25°C
1200
V
IC
Tj = 175 °C
Tc =25 °C
612
A
Tc =80 °C
467
A
ICnom
400
A
ICRM
ICRM = 3xICnom
1200
A
VGES
-20 ... 20
V
tpsc
VCC = 720 V
VGE ≤ 20 V
VCES ≤ 1200 V
Tj =125 °C
10
µs
Tj
-40 ... 175
°C
Inverse diode
IF
Tj = 175 °C
Tc =25 °C
440
A
Tc =80 °C
329
A
IFnom
400
A
IFRM
IFRM = 3xIFnom
1200
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
1980
A
Tj
-40 ... 175
°C
Module
It(RMS)
Tterminal =80 °C
500
A
Tstg
-40 ... 125
°C
Visol
AC sinus 50Hz, t = 1 min
4000
V
Characteristics
Symbol Conditions
min.
typ.
max.
Unit
IGBT
VCE(sat)
IC =400 A
VGE =15 V
chiplevel
Tj =25 °C
1.75
2.20
V
Tj =150 °C
2.20
2.50
V
VCE0
Tj =25 °C
0.94
1.04
V
Tj =150 °C
0.88
0.98
V
rCE
VGE =15 V
Tj =25 °C
2.02
2.9
m
Tj =150 °C
3.30
3.80
m
VGE(th)
VGE=VCE, IC = 16 mA
5.5
6
6.5
V
ICES
VGE =0 V
VCE = 1200 V
Tj =25 °C
0.1
0.3
mA
Tj =150 °C
mA
Cies
VCE =25V
VGE =0 V
f=1MHz
24.04
nF
Coes
f=1MHz
2.36
nF
Cres
f=1MHz
2.356
nF
QG
VGE = - 8 V...+ 15 V
4420
nC
RGint
1.9
td(on)
VCC = 600 V
IC =400 A
VGE =±15 V
RG on =3 
RG off =3 
di/dton = 9800 A/µs
di/dtoff =5000 A/µs
du/dtoff = 7600 V/
µs
Tj =150 °C
350
ns
tr
Tj =150 °C
60
ns
Eon
Tj =150 °C
39
mJ
td(off)
Tj =150 °C
700
ns
tf
Tj =150 °C
65
ns
Eoff
Tj =150 °C
42
mJ
Rth(j-c)
per IGBT
0.072
K/W


Similar Part No. - SKM400GA12V

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM400GA12V SEMIKRON-SKM400GA12V_12 Datasheet
169Kb / 5P
   V-IGBT = 6. Generation Trench V-IGBT
More results

Similar Description - SKM400GA12V

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM300GA12V SEMIKRON-SKM300GA12V Datasheet
312Kb / 5P
   SEMITRANS
SKM300GB12V SEMIKRON-SKM300GB12V Datasheet
338Kb / 5P
   SEMITRANS
SKM400GB12V SEMIKRON-SKM400GB12V Datasheet
340Kb / 5P
   SEMITRANS
SKM150GB12VG SEMIKRON-SKM150GB12VG Datasheet
338Kb / 5P
   SEMITRANS
SKM100GB12V SEMIKRON-SKM100GB12V_11 Datasheet
391Kb / 5P
   SEMITRANS
SKM150GAL12V SEMIKRON-SKM150GAL12V_11 Datasheet
414Kb / 5P
   SEMITRANS
SKM400GAL12E4_0906 SEMIKRON-SKM400GAL12E4_0906 Datasheet
354Kb / 5P
   SEMITRANS
SKM75GB12V SEMIKRON-SKM75GB12V_11 Datasheet
391Kb / 5P
   SEMITRANS
SKM200GB12V SEMIKRON-SKM200GB12V Datasheet
338Kb / 5P
   SEMITRANS
SKM400GAL12V SEMIKRON-SKM400GAL12V Datasheet
361Kb / 5P
   SEMITRANS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com