Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC7D0B2AFN Datasheet(PDF) 2 Page - GREATECS

Part # EC7D0B2AFN
Description  12 mm Insulated Shaft Rotary Encoder with LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

EC7D0B2AFN Datasheet(HTML) 2 Page - GREATECS

  EC7D0B2AFN Datasheet HTML 1Page - GREATECS EC7D0B2AFN Datasheet HTML 2Page - GREATECS EC7D0B2AFN Datasheet HTML 3Page - GREATECS EC7D0B2AFN Datasheet HTML 4Page - GREATECS EC7D0B2AFN Datasheet HTML 5Page - GREATECS EC7D0B2AFN Datasheet HTML 6Page - GREATECS EC7D0B2AFN Datasheet HTML 7Page - GREATECS EC7D0B2AFN Datasheet HTML 8Page - GREATECS EC7D0B2AFN Datasheet HTML 9Page - GREATECS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Drawing 1: Bushing
7.0
M9*0.75
1.0
With Bushing (Standard)
Drawing 3: "LB" Length
Horizontal
Vertical
5
Standard
(LB)
0.6
(LB)
A
(LB)
1.5
C
5
(LB)
Standard
L
L
Drawing 2: Type of Terminal
Vertical
Horizontal
2
4
3.5
P.C.B Type
Drawing 4: Shaft Shape
With
7.0
L
F
M9*0.75
Bushing
Without
Bushing
L
F
12
30
25
22.5
17.5
15
L
20
F7
57
7
12
F - Type
17.5
7
5
F
15
L
12
12
7
25
20
30


Similar Part No. - EC7D0B2AFN

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC7D-20-35.000M ECLIPTEK-EC7D-20-35.000M Datasheet
126Kb / 3P
   CRYSTAL
EC7D-20-35000M ECLIPTEK-EC7D-20-35000M Datasheet
126Kb / 3P
   CRYSTAL
EC7D-35.000M ECLIPTEK-EC7D-35.000M Datasheet
126Kb / 3P
   CRYSTAL
EC7D-35000M ECLIPTEK-EC7D-35000M Datasheet
126Kb / 3P
   CRYSTAL
EC7D-S-35.000M ECLIPTEK-EC7D-S-35.000M Datasheet
126Kb / 3P
   CRYSTAL
More results

Similar Description - EC7D0B2AFN

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12S-4020F-N1024 BOURNS-PEL12S-4020F-N1024 Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
PEL12S BOURNS-PEL12S Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
logo
Panasonic Semiconductor
EVU-F3MFL3B14 PANASONIC-EVU-F3MFL3B14 Datasheet
175Kb / 5P
   9 mm Square Rotary Potentiometers with Insulated Shaft
logo
Bourns Electronic Solut...
PEL12D-4021F-S1024 BOURNS-PEL12D-4021F-S1024 Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12D BOURNS-PEL12D Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T BOURNS-PEL12T Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024 Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024_16 Datasheet
392Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
logo
Panasonic Semiconductor
EVUE20 PANASONIC-EVUE20 Datasheet
175Kb / 5P
   9 mm Square Rotary Potentiometers with Insulated Shaft Audio Equipment
logo
List of Unclassifed Man...
4421S-AQ0600 ETC1-4421S-AQ0600 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com