Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKM150GAL12V Datasheet(PDF) 2 Page - Semikron International

Part # SKM150GAL12V
Description  SEMITRANS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM150GAL12V Datasheet(HTML) 2 Page - Semikron International

  SKM150GAL12V_11 Datasheet HTML 1Page - Semikron International SKM150GAL12V_11 Datasheet HTML 2Page - Semikron International SKM150GAL12V_11 Datasheet HTML 3Page - Semikron International SKM150GAL12V_11 Datasheet HTML 4Page - Semikron International SKM150GAL12V_11 Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SKM150GAL12V
2
Rev. 3 – 23.03.2011
© by SEMIKRON
td(on)
VCC = 600 V
IC =150 A
VGE =±15 V
RG on =1.5 
RG off =1.5 
di/dton = 4400 A/µs
di/dtoff =1800 A/µs
du/dtoff = 8100 V/
µs
Tj =150 °C
258
ns
tr
Tj =150 °C
32
ns
Eon
Tj =150 °C
13.5
mJ
td(off)
Tj =150 °C
388
ns
tf
Tj =150 °C
62
ns
Eoff
Tj =150 °C
14.2
mJ
Rth(j-c)
per IGBT
0.19
K/W
Inverse diode
VF = VEC IF = 150 A
VGE =0 V
chip
Tj =25 °C
2.14
2.46
V
Tj =150 °C
2.07
2.38
V
VF0
Tj =25 °C
1.3
1.5
V
Tj =150 °C
0.9
1.1
V
rF
Tj =25 °C
5.6
6.4
m
Tj =150 °C
7.8
8.5
m
IRRM
IF = 150 A
di/dtoff =5500 A/µs
VGE =±15 V
VCC = 600 V
Tj =150 °C
160
A
Qrr
Tj =150 °C
21.5
µC
Err
Tj =150 °C
8.9
mJ
Rth(j-c)
per diode
0.31
K/W
Freewheeling diode
VF = VEC IF = 150 A
VGE =0 V
chip
Tj =25 °C
2.14
2.46
V
Tj =150 °C
2.07
2.38
V
VF0
Tj =25 °C
1.3
1.5
V
Tj =150 °C
0.9
1.1
V
rF
Tj =25 °C
5.6
6.4
m
Tj =150 °C
7.8
8.5
m
IRRM
IF = 150 A
di/dtoff =5900 A/µs
VGE =±15 V
VCC = 600 V
Tj =150 °C
116
A
Qrr
Tj =150 °C
22
µC
Err
Tj =150 °C
8.2
mJ
Rth(j-c)
per Diode
0.31
K/W
Module
LCE
30
nH
RCC'+EE'
terminal-chip
TC =25°C
0.65
m
TC =125 °C
1m
Rth(c-s)
per module
0.04
0.05
K/W
Ms
to heat sink M6
3
5
Nm
Mt
to terminals M5
2.5
5
Nm
Nm
w
160
g
Characteristics
Symbol Conditions
min.
typ.
max.
Unit
SEMITRANS® 2
GAL
SKM150GAL12V
Features
• V-IGBT = 6. Generation Trench V-IGBT
(Fuji)
• CAL4 = Soft switching 4. Generation
CAL-diode
• Isolated copper baseplate using DBC
technology (Direct Copper Bonding)
• UL recognized, file no. E63532
• Increased power cycling capability
• With integrated gate resistor
• Low switching losses at high di/dt
Typical Applications*
•DC/DC – converter
• Brake chopper
• Switched reluctance motor
•DC – Motor
Remarks
• Case temperature limited to
Tc = 125°C max, recomm.
Top = -40 ... +150°C, product
rel. results valid for Tj = 150°


Similar Part No. - SKM150GAL12V_11

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM150GAL12V SEMIKRON-SKM150GAL12V Datasheet
424Kb / 3P
   Target Data
More results

Similar Description - SKM150GAL12V_11

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM300GA12V SEMIKRON-SKM300GA12V Datasheet
312Kb / 5P
   SEMITRANS
SKM400GA12V SEMIKRON-SKM400GA12V Datasheet
313Kb / 5P
   SEMITRANS
SKM300GB12V SEMIKRON-SKM300GB12V Datasheet
338Kb / 5P
   SEMITRANS
SKM400GB12V SEMIKRON-SKM400GB12V Datasheet
340Kb / 5P
   SEMITRANS
SKM150GB12VG SEMIKRON-SKM150GB12VG Datasheet
338Kb / 5P
   SEMITRANS
SKM100GB12V SEMIKRON-SKM100GB12V_11 Datasheet
391Kb / 5P
   SEMITRANS
SKM400GAL12E4_0906 SEMIKRON-SKM400GAL12E4_0906 Datasheet
354Kb / 5P
   SEMITRANS
SKM75GB12V SEMIKRON-SKM75GB12V_11 Datasheet
391Kb / 5P
   SEMITRANS
SKM200GB12V SEMIKRON-SKM200GB12V Datasheet
338Kb / 5P
   SEMITRANS
SKM400GAL12V SEMIKRON-SKM400GAL12V Datasheet
361Kb / 5P
   SEMITRANS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com