Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKM50GB063D Datasheet(PDF) 1 Page - Semikron International

Part # SKM50GB063D
Description  Superfast NPT-IGBT Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM50GB063D Datasheet(HTML) 1 Page - Semikron International

  SKM50GB063D_10 Datasheet HTML 1Page - Semikron International SKM50GB063D_10 Datasheet HTML 2Page - Semikron International SKM50GB063D_10 Datasheet HTML 3Page - Semikron International SKM50GB063D_10 Datasheet HTML 4Page - Semikron International SKM50GB063D_10 Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SKM50GB063D
© by SEMIKRON
Rev. 2 – 22.04.2010
1
SEMITRANS® 2
GB
Superfast NPT-IGBT
Modules
SKM50GB063D
Target Data
Features
• NPT = non punch-through
IGBT technology
• High short circuit capability, self
limiting to 6 x IC
• Pos. temp.-coeff. of VCEsat
• Isolated copper baseplate
Typical Applications*
• Switched mode power supplies
•UPS
• Three phase inverters for servo / AC
motor speed control
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
IGBT
VCES
Tj =25°C
600
V
IC
Tj = 150 °C
Tc =25°C
70
A
Tc =75°C
51
A
ICnom
50
A
ICRM
ICRM = 2xICnom
100
A
VGES
-20 ... 20
V
tpsc
VCC = 300 V
VGE ≤ 20 V
VCES ≤ 600 V
Tj = 125 °C
10
µs
Tj
-55 ... 150
°C
Inverse diode
IF
Tc =25°C
75
A
Tc =80°C
45
A
IFnom
50
A
IFRM
IFRM = 2xIFnom
100
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
A
Tj
-40 ... 150
°C
Module
It(RMS)
Tterminal <80°C
200
A
Tstg
-40 ... 125
°C
Visol
AC sinus 50Hz, t = 1 min
2500
V
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
IGBT
VCE(sat)
IC =50 A
VGE =15V
chiplevel
Tj =25°C
2.1
2.5
V
Tj = 125 °C
2.4
2.8
V
VCE0
Tj =25°C
1.05
1.3
V
Tj = 125 °C
11.2
V
rCE
VGE =15V
Tj =25°C
21.0
24.0
mΩ
Tj = 125 °C
28.0
32.0
mΩ
VGE(th)
VGE=VCE, IC = 1 mA
4.5
5.5
6.5
V
ICES
VGE =0V
VCE =600 V
Tj =25°C
0.1
0.3
mA
mA
Cies
VCE =25 V
VGE =0V
f=1MHz
2.2
nF
Coes
f=1MHz
nF
Cres
f=1MHz
0.2
nF
QG
VGE =- 8 V...+ 20 V
nC
RGint
Tj =25°C
td(on)
VCC = 300 V
IC =50 A
VGE =±15 V
RG on =22 Ω
RG off =22 Ω
Tj = 125 °C
50
ns
tr
Tj = 125 °C
40
ns
Eon
Tj = 125 °C
2.5
mJ
td(off)
Tj = 125 °C
300
ns
tf
Tj = 125 °C
30
ns
Eoff
Tj = 125 °C
1.8
mJ
Rth(j-c)
per IGBT
0.5
K/W


Similar Part No. - SKM50GB063D_10

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM50GB063D SEMIKRON-SKM50GB063D_06 Datasheet
782Kb / 6P
   Superfast NPT-IGBT Modules
More results

Similar Description - SKM50GB063D_10

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM75GB063D SEMIKRON-SKM75GB063D Datasheet
596Kb / 4P
   Superfast NPT-IGBT Modules
SKM200GB063D SEMIKRON-SKM200GB063D_06 Datasheet
634Kb / 6P
   Superfast NPT-IGBT Modules
SKM75GB063D SEMIKRON-SKM75GB063D_07 Datasheet
800Kb / 6P
   Superfast NPT-IGBT Modules
SKM200GB063D SEMIKRON-SKM200GB063D_08 Datasheet
636Kb / 6P
   Superfast NPT-IGBT Modules
SKM50GB063D SEMIKRON-SKM50GB063D_06 Datasheet
782Kb / 6P
   Superfast NPT-IGBT Modules
SKM145GB063DN SEMIKRON-SKM145GB063DN Datasheet
655Kb / 4P
   Superfast NPT-IGBT Modules
SKM195GB063DN SEMIKRON-SKM195GB063DN Datasheet
672Kb / 4P
   Superfast NPT-IGBT Modules
SKM150GB063D SEMIKRON-SKM150GB063D Datasheet
700Kb / 5P
   Superfast NPT-IGBT Modules
SKM200GB063D SEMIKRON-SKM200GB063D Datasheet
721Kb / 4P
   Superfast NPT-IGBT Modules
SKM150GB063D SEMIKRON-SKM150GB063D_06 Datasheet
703Kb / 5P
   Superfast NPT-IGBT Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com