Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMN20EN Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMN20EN
Description  30 V, 6.7 A N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMN20EN Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMN20EN Datasheet HTML 5Page - NXP Semiconductors PMN20EN Datasheet HTML 6Page - NXP Semiconductors PMN20EN Datasheet HTML 7Page - NXP Semiconductors PMN20EN Datasheet HTML 8Page - NXP Semiconductors PMN20EN Datasheet HTML 9Page - NXP Semiconductors PMN20EN Datasheet HTML 10Page - NXP Semiconductors PMN20EN Datasheet HTML 11Page - NXP Semiconductors PMN20EN Datasheet HTML 12Page - NXP Semiconductors PMN20EN Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PMN20EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 30 May 2011
9 of 15
NXP Semiconductors
PMN20EN
30 V, 6.7 A N-channel Trench MOSFET
8.
Test information
Fig 17. Duty cycle definition
t1
t2
P
t
006aaa812
duty cycle
δ =
t1
t2


Similar Part No. - PMN20EN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN20EN NEXPERIA-PMN20EN Datasheet
1Mb / 16P
   30 V, 6.7 A N-channel Trench MOSFET
Rev. 1 - 30 May 2011
logo
VBsemi Electronics Co.,...
PMN20EN VBSEMI-PMN20EN Datasheet
486Kb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMN20ENA NEXPERIA-PMN20ENA Datasheet
294Kb / 13P
   40 V, N-channel Trench MOSFET
30 April 2019
More results

Similar Description - PMN20EN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN20EN NEXPERIA-PMN20EN Datasheet
1Mb / 16P
   30 V, 6.7 A N-channel Trench MOSFET
Rev. 1 - 30 May 2011
logo
NXP Semiconductors
PMV37EN NXP-PMV37EN Datasheet
811Kb / 15P
   30 V, 3.1 A N-channel Trench MOSFET
Rev. 1-9 May 2011
logo
ZP Semiconductor
PMV37EN ZPSEMI-PMV37EN Datasheet
406Kb / 3P
   30 V, 3.1 A N-channel Trench MOSFET
logo
NXP Semiconductors
PMN35EN NXP-PMN35EN Datasheet
823Kb / 15P
   30 V, 5.1 A N-channel Trench MOSFET
Rev. 1-20 July 2011
PMF250XN PHILIPS-PMF250XN Datasheet
889Kb / 15P
   30 V, 0.9 A N-channel Trench MOSFET
Rev. 1-7 December 2011
logo
Nexperia B.V. All right...
PMN35EN NEXPERIA-PMN35EN Datasheet
1Mb / 16P
   30 V, 5.1 A N-channel Trench MOSFET
Rev. 1 - 20 July 2011
logo
NXP Semiconductors
PMV22EN PHILIPS-PMV22EN Datasheet
996Kb / 14P
   30 V, 5.2 A N-channel Trench MOSFET
Rev. 1-30 March 2011
logo
Nexperia B.V. All right...
PMN25EN NEXPERIA-PMN25EN Datasheet
465Kb / 18P
   30 V, 6.2 A N-channel Trench MOSFET
Rev. 1 - 29 August 2011
PMT21EN NEXPERIA-PMT21EN Datasheet
461Kb / 16P
   30 V, 7.4 A N-channel Trench MOSFET
Rev. 1 - 30 August 2011
logo
ZP Semiconductor
PMV20XN ZPSEMI-PMV20XN Datasheet
447Kb / 4P
   30 V, 4.8 A N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com