Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF2119X Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF2119X
Description  LCD controllers/drivers Single-chip LCD controller and driver
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119X Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF2119X Datasheet HTML 7Page - NXP Semiconductors PCF2119X Datasheet HTML 8Page - NXP Semiconductors PCF2119X Datasheet HTML 9Page - NXP Semiconductors PCF2119X Datasheet HTML 10Page - NXP Semiconductors PCF2119X Datasheet HTML 11Page - NXP Semiconductors PCF2119X Datasheet HTML 12Page - NXP Semiconductors PCF2119X Datasheet HTML 13Page - NXP Semiconductors PCF2119X Datasheet HTML 14Page - NXP Semiconductors PCF2119X Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
PCF2119X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 14 April 2011
11 of 83
NXP Semiconductors
PCF2119x
LCD controllers/drivers
Remarks:
Values producing more than 6.5 V at operating temperature are not allowed.
Operation above this voltage may damage the device. When programming the
operating voltage, the temperature coefficient of VLCDOUT must be taken into account.
Values below 2.2 V are below the specified operating range of the chip and are
therefore not allowed.
When the LCD supply voltage is generated on-chip, the VLCD pins should be decoupled to
VSS with a suitable capacitor. The generated VLCDOUT is independent of VDD and is
temperature compensated.
In Equation 2 the internal charge pump is not considered. However, if the supplied voltage
to VDD2 and VDD3 is below the required VLCD it is necessary to use the internal charge
pump. The multiplication factor has to be set such, that VDD2 and VDD3 (which are equal)
multiplied with the programmed multiplication factor exceeds the required VLCD under all
circumstances (i.e. at low temperatures and along with the temperature compensation -
see Section 10.2.3.4). If still a higher multiplication factor is chosen, VLCD will not increase
(it is set by Equation 2) but the current that can be delivered will be higher. Also current
consumption increases (see Section 16.6).
When the VLCD generator and the direct mode are switched off, an external voltage may
be supplied at connected pins VLCDIN and VLCDOUT. VLCDIN and VLCDOUT may be higher or
lower than VDD2.
In direct mode (see Icon_ctl instruction, Section 10.2.3.3) the internal VLCD generator is
turned off and the VLCDOUT output voltage is directly connected to VDD2. This reduces the
current consumption depending on VDD2 value and LCD liquid properties.
The VLCD generator ensures that, as long as VDD2 and VDD3 are in the valid range (2.2 V
to 4 V), the required peak voltage VLCD = 6.5 V can be generated at any time.
8.5 LCD bias voltage generator
The intermediate bias voltages for the LCD display are also generated on-chip. This
removes the need for an external resistive bias chain and significantly reduces the system
current consumption. The optimum value of VLCD depends on the multiplex rate, the LCD
threshold voltage (Vth) and the number of bias levels. Using a 5-level bias scheme for the
1:18 multiplex rate allows VLCD < 5 V for most LCD liquids.
The intermediate bias levels for the different multiplex rates are shown in Table 6. These
bias levels are automatically set to the given values when switching to the corresponding
multiplex rate.


Similar Part No. - PCF2119X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
   LCD controllers/drivers
2003 Jan 30
PCF2119X NXP-PCF2119X Datasheet
457Kb / 79P
   LCD controllers/drivers
Rev. 05-13 August 2009
PCF2119X NXP-PCF2119X Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
PCF2119X-2 PHILIPS-PCF2119X-2 Datasheet
261Kb / 60P
   LCD controllers/drivers
28. August 2000
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
More results

Similar Description - PCF2119X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
   LCD controllers/drivers
2001 Dec 19
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
   LCD controllers/drivers
2003 Jan 30
PCF2119X-2 PHILIPS-PCF2119X-2 Datasheet
261Kb / 60P
   LCD controllers/drivers
28. August 2000
PCF2103 PHILIPS-PCF2103 Datasheet
300Kb / 56P
   LCD controllers/drivers
1998 May 11
PCF2113X NXP-PCF2113X Datasheet
404Kb / 65P
   LCD controllers/drivers
Rev. 04-4 March 2008
PCF2119X NXP-PCF2119X Datasheet
457Kb / 79P
   LCD controllers/drivers
Rev. 05-13 August 2009
logo
Sanyo Semicon Device
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
logo
NXP Semiconductors
PCF2116 PHILIPS-PCF2116 Datasheet
407Kb / 64P
   LCD controller/drivers
1997 Apr 07
PCF2116AU NXP-PCF2116AU Datasheet
277Kb / 64P
   LCD controller/drivers
1997 Apr 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com