Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF2119X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF2119X
Description  LCD controllers/drivers Single-chip LCD controller and driver
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119X Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF2119X_11 Datasheet HTML 1Page - NXP Semiconductors PCF2119X_11 Datasheet HTML 2Page - NXP Semiconductors PCF2119X_11 Datasheet HTML 3Page - NXP Semiconductors PCF2119X_11 Datasheet HTML 4Page - NXP Semiconductors PCF2119X_11 Datasheet HTML 5Page - NXP Semiconductors PCF2119X_11 Datasheet HTML 6Page - NXP Semiconductors PCF2119X_11 Datasheet HTML 7Page - NXP Semiconductors PCF2119X_11 Datasheet HTML 8Page - NXP Semiconductors PCF2119X_11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
1.
General description
The PCF2119x is a low power CMOS1 LCD controller and driver, designed to drive a dot
matrix LCD display of 2-lines by 16 characters or 1-line by 32 characters with 5
× 8 dot
format. All necessary functions for the display are provided in a single chip, including
on-chip generation of LCD bias voltages, resulting in a minimum of external components
and lower system current consumption. The PCF2119x interfaces to most
microcontrollers via a 4-bit or 8-bit bus or via the 2-wire I2C-bus. The chip contains a
character generator and displays alphanumeric and kana (Japanese) characters.
The letter ‘x’ in PCF2119x characterizes the built-in character set. Various character sets
can be manufactured on request. In addition 16 user defined symbols (5
× 8 dot format)
are available.
2.
Features and benefits
Single-chip LCD controller and driver
2-line display of up to 16 characters plus 160 icons or 1-line display of up to
32 characters plus 160 icons
5
× 7 character format plus cursor; 5 × 8 for kana (Japanese) and user defined
symbols
Reduced current consumption while displaying icons only
Icon blink function
On-chip:
Configurable 4, 3, or 2 times voltage multiplier generating LCD supply voltage,
independent of VDD, programmable by instruction (external supply also possible)
Temperature compensation of on-chip generated VLCDOUT: −0.16 %/K to
−0.24 %/K (programmable by instruction)
Generation of intermediate LCD bias voltages
Oscillator requires no external components (external clock also possible)
Display Data RAM (DDRAM): 80 characters
Character Generator ROM (CGROM): 240 characters (5
× 8)
Character Generator RAM (CGRAM): 16 characters (5
× 8); 4 characters used to drive
160 icons, 8 characters used if icon blink feature is used in application
4-bit or 8-bit parallel bus and 2-wire I2C-bus interface
Manufactured in silicon gate CMOS process
18 row and 80 column outputs
Multiplex rates 1:18 (2-line display or 1-line display), 1:9 (for 1-line display of up to
16 characters and 80 icons) and 1:2 (for icon only mode)
PCF2119x
LCD controllers/drivers
Rev. 9 — 14 April 2011
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 20.


Similar Part No. - PCF2119X_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
More results

Similar Description - PCF2119X_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
   LCD controllers/drivers
2001 Dec 19
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
   LCD controllers/drivers
2003 Jan 30
PCF2119X-2 PHILIPS-PCF2119X-2 Datasheet
261Kb / 60P
   LCD controllers/drivers
28. August 2000
PCF2103 PHILIPS-PCF2103 Datasheet
300Kb / 56P
   LCD controllers/drivers
1998 May 11
PCF2113X NXP-PCF2113X Datasheet
404Kb / 65P
   LCD controllers/drivers
Rev. 04-4 March 2008
PCF2119X NXP-PCF2119X Datasheet
457Kb / 79P
   LCD controllers/drivers
Rev. 05-13 August 2009
logo
Sanyo Semicon Device
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
logo
NXP Semiconductors
PCF2116 PHILIPS-PCF2116 Datasheet
407Kb / 64P
   LCD controller/drivers
1997 Apr 07
PCF2116AU NXP-PCF2116AU Datasheet
277Kb / 64P
   LCD controller/drivers
1997 Apr 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com