Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2214FBD144 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2214FBD144
Description  Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2214FBD144 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2214FBD144 Datasheet HTML 4Page - NXP Semiconductors LPC2214FBD144 Datasheet HTML 5Page - NXP Semiconductors LPC2214FBD144 Datasheet HTML 6Page - NXP Semiconductors LPC2214FBD144 Datasheet HTML 7Page - NXP Semiconductors LPC2214FBD144 Datasheet HTML 8Page - NXP Semiconductors LPC2214FBD144 Datasheet HTML 9Page - NXP Semiconductors LPC2214FBD144 Datasheet HTML 10Page - NXP Semiconductors LPC2214FBD144 Datasheet HTML 11Page - NXP Semiconductors LPC2214FBD144 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
LPC2212_2214
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 14 June 2011
8 of 47
NXP Semiconductors
LPC2212/2214
Single-chip 16/32-bit ARM microcontrollers
P0[30]/AIN3/EINT3/
CAP0[0]
33
I
AIN3 — ADC, input 3. This analog input is always connected to its pin.
I
EINT3 — External interrupt 3 input.
I
CAP0[0] — Capture input for Timer 0, channel 0.
P1[0] to P1[31]
I/O
Port 1 is a 32-bit bidirectional I/O port with individual direction controls for
each bit. The operation of port 1 pins depends upon the pin function selected
via the Pin Connect Block.
Pins 2 through 15 of port 1 are not available.
P1[0]/CS0
91
O
LOW-active Chip Select 0 signal.
(Bank 0 addresses range 0x8000 0000 to 0x80FF FFFF)
P1[1]/OE
90
O
LOW-active Output Enable signal.
P1[16]/TRACEPKT0
34
O
Trace Packet, bit 0. Standard I/O port with internal pull-up.
P1[17]/TRACEPKT1
24
O
Trace Packet, bit 1. Standard I/O port with internal pull-up.
P1[18]/TRACEPKT2
15
O
Trace Packet, bit 2. Standard I/O port with internal pull-up.
P1[19]/TRACEPKT3
7
O
Trace Packet, bit 3. Standard I/O port with internal pull-up.
P1[20]/TRACESYNC
102
O
Trace Synchronization; standard I/O port with internal pull-up.
Note: LOW on this pin while RESET is LOW, enables pins P1[25:16] to
operate as Trace port after reset.
P1[21]/PIPESTAT0
95
O
Pipeline Status, bit 0. Standard I/O port with internal pull-up.
P1[22]/PIPESTAT1
86
O
Pipeline Status, bit 1. Standard I/O port with internal pull-up.
P1[23]/PIPESTAT2
82
O
Pipeline Status, bit 2. Standard I/O port with internal pull-up.
P1[24]/TRACECLK
70
O
Trace Clock. Standard I/O port with internal pull-up.
P1[25]/EXTIN0
60
I
External Trigger Input. Standard I/O with internal pull-up.
P1[26]/RTCK
52
I/O
Returned Test Clock output. Extra signal added to the JTAG port. Assists
debugger synchronization when processor frequency varies. Bidirectional pin
with internal pull-up.
Note: LOW on this pin while RESET is LOW, enables pins P1[31:26] to
operate as Debug port after reset.
P1[27]/TDO
144
O
Test Data out for JTAG interface.
P1[28]/TDI
140
I
Test Data in for JTAG interface.
P1[29]/TCK
126
I
Test Clock for JTAG interface. This clock must be slower than 16 of the CPU
clock (CCLK) for the JTAG interface to operate.
P1[30]/TMS
113
I
Test Mode Select for JTAG interface.
P1[31]/TRST
43
I
Test Reset for JTAG interface.
P2[0] to P2[31]
I/O
Port 2 is a 32-bit bidirectional I/O port with individual direction controls for
each bit. The operation of port 2 pins depends upon the pin function selected
via the Pin Connect Block.
P2[0]/D0
98
I/O
External memory data line 0.
P2[1]/D1
105
I/O
External memory data line 1.
P2[2]/D2
106
I/O
External memory data line 2.
P2[3]/D3
108
I/O
External memory data line 3.
P2[4]/D4
109
I/O
External memory data line 4.
P2[5]/D5
114
I/O
External memory data line 5.
P2[6]/D6
115
I/O
External memory data line 6.
Table 3.
Pin description …continued
Symbol
Pin
Type Description


Similar Part No. - LPC2214FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2214FBD144 PHILIPS-LPC2214FBD144 Datasheet
185Kb / 40P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
Rev. 02-23 December 2004
LPC2214FBD144 PHILIPS-LPC2214FBD144 Datasheet
196Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2214FBD144 NXP-LPC2214FBD144 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2214FBD144/00 NXP-LPC2214FBD144/00 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2214FBD144/01 NXP-LPC2214FBD144/01 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
More results

Similar Description - LPC2214FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 NXP-LPC2114 Datasheet
182Kb / 40P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 06-10 December 2007
LPC2114 PHILIPS-LPC2114 Datasheet
161Kb / 34P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2119 PHILIPS-LPC2119 Datasheet
163Kb / 34P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 03-22 December 2004
LPC2212 PHILIPS-LPC2212_15 Datasheet
359Kb / 47P
   Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 5-14 June 2011
LPC2212 NXP-LPC2212 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2212 PHILIPS-LPC2212 Datasheet
185Kb / 40P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
Rev. 02-23 December 2004
LPC2109 NXP-LPC2109_11 Datasheet
298Kb / 46P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2212 PHILIPS-LPC2212_08 Datasheet
196Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com