Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT152-500RT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BT152-500RT
Description  High junction temperature capability Very high current surge capability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT152-500RT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BT152-500RT Datasheet HTML 4Page - NXP Semiconductors BT152-500RT Datasheet HTML 5Page - NXP Semiconductors BT152-500RT Datasheet HTML 6Page - NXP Semiconductors BT152-500RT Datasheet HTML 7Page - NXP Semiconductors BT152-500RT Datasheet HTML 8Page - NXP Semiconductors BT152-500RT Datasheet HTML 9Page - NXP Semiconductors BT152-500RT Datasheet HTML 10Page - NXP Semiconductors BT152-500RT Datasheet HTML 11Page - NXP Semiconductors BT152-500RT Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BT152-500RT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 9 June 2011
9 of 12
NXP Semiconductors
BT152-500RT
SCR
8.
Revision history
Table 7.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BT152-500RT v.2
20110609
Product data sheet
-
BT152-500RT v.1
Modifications:
Various changes to content.
BT152-500RT v.1
20090512
Product data sheet
-
-


Similar Part No. - BT152-500RT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT152-500RT NXP-BT152-500RT Datasheet
177Kb / 11P
   SCR, 20 A, 32 mA, 500 V, SOT78
Rev. 01-12 May 2009
logo
WeEn Semiconductors
BT152-500RT WEEN-BT152-500RT Datasheet
236Kb / 12P
   SCR
More results

Similar Description - BT152-500RT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80PF VISHAY-VS-80PF Datasheet
165Kb / 9P
   High surge current capability
Revision: 04-Dec-14
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
   High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
   High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
   High surge current capability
logo
Unisonic Technologies
SFR1020CL-TA3-T UTC-SFR1020CL-TA3-T Datasheet
307Kb / 4P
   High Surge Current Capability
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
   High surge current capability
logo
Sangdest Microelectroni...
GBU6005G SMC-GBU6005G Datasheet
146Kb / 4P
   High surge current capability
logo
GeneSiC Semiconductor, ...
GBJ30J GENESIC-GBJ30J Datasheet
791Kb / 3P
   High surge current capability
logo
Nell Semiconductor Co.,...
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
   High surge current capability
logo
DIYI Electronic Technol...
GBPC50005W DYELEC-GBPC50005W Datasheet
2Mb / 2P
   High surge current capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com