Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLS7G2729LS-350P Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLS7G2729LS-350P
Description  LDMOS S-band radar power transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLS7G2729LS-350P Datasheet(HTML) 4 Page - NXP Semiconductors

  BLS7G2729LS-350P Datasheet HTML 1Page - NXP Semiconductors BLS7G2729LS-350P Datasheet HTML 2Page - NXP Semiconductors BLS7G2729LS-350P Datasheet HTML 3Page - NXP Semiconductors BLS7G2729LS-350P Datasheet HTML 4Page - NXP Semiconductors BLS7G2729LS-350P Datasheet HTML 5Page - NXP Semiconductors BLS7G2729LS-350P Datasheet HTML 6Page - NXP Semiconductors BLS7G2729LS-350P Datasheet HTML 7Page - NXP Semiconductors BLS7G2729LS-350P Datasheet HTML 8Page - NXP Semiconductors BLS7G2729LS-350P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BLS7G2729L-350P_LS-350P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 24 May 2011
4 of 10
NXP Semiconductors
BLS7G2729L(S)-350P
LDMOS S-band radar power transistor
7.1 Ruggedness in class-AB operation
The BLS7G2729L-350P and BLS7G2729LS-350P are capable of withstanding a load
mismatch corresponding to VSWR = 5 : 1 through all phases under the following
conditions: VDS =32 V; IDq =200 mA; PL =350 W; tp = 300 μs; δ = 10 %.
Table 8.
Typical impedance
f
ZS
ZL
GHz
Ω
Ω
2.7
<tbd>
<tbd>
2.8
<tbd>
<tbd>
2.9
<tbd>
<tbd>
Fig 1.
Definition of transistor impedance
001aaf059
drain
ZL
ZS
gate


Similar Part No. - BLS7G2729LS-350P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLS7G2729LS-350P NXP-BLS7G2729LS-350P Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLS7G2729LS-350P AMPLEON-BLS7G2729LS-350P Datasheet
1,008Kb / 13P
   LDMOS S-band radar power transistor
Rev. 6 ??1 September 2015
More results

Similar Description - BLS7G2729LS-350P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLS6G2731S-130 PHILIPS-BLS6G2731S-130_15 Datasheet
143Kb / 12P
   LDMOS S-band radar power transistor
Rev. 2-18 November 2010
BLS7G2933S-150 PHILIPS-BLS7G2933S-150_15 Datasheet
129Kb / 12P
   LDMOS S-band radar power transistor
Rev. 2-23 February 2011
logo
Ampleon Netherlands B.V...
BLS9G2729L-350 AMPLEON-BLS9G2729L-350 Datasheet
1Mb / 13P
   LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
BLS9G2934L-400 AMPLEON-BLS9G2934L-400 Datasheet
1Mb / 13P
   LDMOS S-band radar power transistor
Rev. 1 ??6 April 2017
logo
NXP Semiconductors
BLS6G3135-20 PHILIPS-BLS6G3135-20_15 Datasheet
255Kb / 13P
   LDMOS S-Band radar power transistor
Rev. 4-11 March 2013
BLS7G2729L-350P PHILIPS-BLS7G2729L-350P_15 Datasheet
172Kb / 13P
   LDMOS S-band radar power transistor
Rev. 5-16 May 2014
BLS6G2933S-130 NXP-BLS6G2933S-130 Datasheet
78Kb / 11P
   LDMOS S-band radar power transistor
Rev. 01-11 December 2008
BLS6G3135-120 NXP-BLS6G3135-120 Datasheet
68Kb / 11P
   LDMOS S-Band radar power transistor
Rev. 01-14 August 2007
logo
Ampleon Netherlands B.V...
BLS9G2731L-400 AMPLEON-BLS9G2731L-400 Datasheet
1Mb / 13P
   LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
logo
NXP Semiconductors
BLS6G3135-120 PHILIPS-BLS6G3135-120_15 Datasheet
84Kb / 12P
   LDMOS S-Band radar power transistor
Rev. 02-29 May 2008
BLS7G3135LS-200 PHILIPS-BLS7G3135LS-200_15 Datasheet
138Kb / 10P
   LDMOS S-band radar power transistor
Rev. 2-23 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com