Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVC16T245DGG Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AVC16T245DGG
Description  16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC16T245DGG Datasheet(HTML) 4 Page - NXP Semiconductors

  74AVC16T245DGG Datasheet HTML 1Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 2Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 3Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 4Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 5Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 6Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 7Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 8Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
74AVC16T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 June 2011
4 of 28
NXP Semiconductors
74AVC16T245
16-bit dual supply translating transceiver; 3-state
5.
Pinning information
5.1 Pinning
Fig 3.
Pin configuration SOT362-1 and SOT480-1
(TSSOP48)
Fig 4.
Pin configuration SOT702-1 (VFBGA56)
74AVC16T245
1DIR
1OE
1B1
1A1
1B2
1A2
GND
GND
1B3
1A3
1B4
1A4
VCC(B)
VCC(A)
1B5
1A5
1B6
1A6
GND
GND
1B7
1A7
1B8
1A8
2B1
2A1
2B2
2A2
GND
GND
2B3
2A3
2B4
2A4
VCC(B)
VCC(A)
2B5
2A5
2B6
2A6
GND
GND
2B7
2A7
2B8
2A8
2DIR
2OE
001aak427
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
001aak428
74AVC16T245
Transparent top view
K
J
H
G
F
E
C
B
A
D
246
135
ball A1
index area


Similar Part No. - 74AVC16T245DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC16T245DGG NEXPERIA-74AVC16T245DGG Datasheet
311Kb / 22P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 14 January 2019
logo
Texas Instruments
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
467Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
565Kb / 23P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI1-74AVC16T245DGGRE4 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
More results

Similar Description - 74AVC16T245DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245 NEXPERIA-74AVC16T245 Datasheet
311Kb / 22P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 14 January 2019
logo
NXP Semiconductors
74AVC16T245 PHILIPS-74AVC16T245_15 Datasheet
345Kb / 28P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 6-9 September 2013
74AVCH16T245 PHILIPS-74AVCH16T245_15 Datasheet
379Kb / 29P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-1 March 2012
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com