Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5674K Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC5674K
Description  Microcontroller is a 32-bit embedded controller designed for advanced
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674K Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5674K Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5674K Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5674K Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5674K Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5674K Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5674K Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5674K Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5674K Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5674K Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 140 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
6
1.3
Feature list
High-performance e200z7d dual core
— 32-bit Power Architecture
 technology CPU
— Up to 180 MHz core frequency
— Dual-issue core
— Variable length encoding (VLE)
— Memory management unit (MMU) with 64 entries
— 16 KB instruction cache and 16 KB data cache
Memory available
— Up to 2 MB Code flash memory with ECC
— 64 KB Data flash memory with ECC
— Up to 512 KB on-chip SRAM with ECC
SIL3/ASILD innovative safety concept: LockStep mode and fail-safe protection
— Sphere of replication (SoR) for key components
— Redundancy checking units on outputs of the SoR connected to FCCU
— Fault collection and control unit (FCCU)
— Boot-time built-in self-test for memory (MBIST) and logic (LBIST) triggered by hardware
— Boot-time built-in self-test for ADC and flash memory
— Replicated safety-enhanced watchdog timer
— Junction temperature sensor
— Non-maskable interrupt (NMI)
— 16-region memory protection unit (MPU)
— Clock monitoring units (CMU)
— Power management unit (PMU)
— Cyclic redundancy check (CRC) units
Decoupled Parallel mode for high-performance use of replicated cores
Nexus Class 3+ interface
Interrupts
— Replicated 16-priority interrupt controller
— Replicated 32-channel eDMA controller
GPIOs individually programmable as input, output, or special function
Three general-purpose eTimer units (6 channels each)
Three FlexPWM units with four 16-bit channels per module
Communications interfaces
— 4 LINFlex modules
— 3 DSPI modules with automatic chip select generation
— 4 FlexCAN interfaces (2.0B Active) with 32 message objects


Similar Part No. - MPC5674K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5674K NXP-MPC5674K Datasheet
1Mb / 147P
   MPC5675K Microcontroller
Rev. 8.1, 04/2020
More results

Similar Description - MPC5674K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC810M021FN8 NXP-LPC810M021FN8 Datasheet
556Kb / 2P
   A 32-bit microcontroller designed for the 8-bit world
November 2012
logo
Fujitsu Component Limit...
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
   32-bit Embedded Controller
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
logo
Microchip Technology
SAMRH707 MICROCHIP-SAMRH707 Datasheet
11Mb / 1389P
   Radiation-Hardened 32-bit Microcontroller with Advanced Radiation-Hardened 32-bit Microcontroller with Advanced
2021
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
   High Performance 32-bit Embedded Controller
01/27/15
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1632 MICROCHIP-MEC1632 Datasheet
5Mb / 636P
   Low Power 32-Bit Mobile Embedded Controller
logo
NXP Semiconductors
MC68EC030 NXP-MC68EC030 Datasheet
523Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
Rev. 1
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com