Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33903 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33903 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC33903 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33903 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33903 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33903 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33903 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33903 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33903 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33903 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33903 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
CS
SCLK
MOSI
INT
5V-CAN
VSUP1
I/O-0
I/O-1
MISO
RXD
TXD
CANL
CANH
GND
RST
DBG
VDD
SPLIT
VBAT
VB
Q1*
D1
VBAUX
SAFE
RXD-L1
TXD-L1
LIN-TERM 1
LIN-1
VE
Q2
(5.0 V/3.3 V)
VDD
VSUP2
VAUX
VCAUX
LIN-TERM 2
LIN-2
RXD-L2
TXD-L2
MUX-OUT
33905D
MCU
SPI
A/D
CAN Bus
LIN Bus
LIN Bus
VSENSE
* = Optional
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33903/4/5
SIMPLIFIED APPLICATION DIAGRAMS
SIMPLIFIED APPLICATION DIAGRAMS
Figure 1. 33905D Simplified Application Diagram
CS
SCLK
MOSI
INT
5V-CAN
VSUP1
I/O-0
I/O-1
MISO
RXD
TXD
CANL
CANH
GND
RST
DBG
VDD
SPLIT
VBAT
VB
Q1*
D1
VBAUX
SAFE
RXD-L
TXD-L
LIN-T
LIN
VE
Q2
(5.0 V/3.3 V)
VDD
VSUP2
VAUX
VCAUX
I/O-3
MUX-OUT
33905S
MCU
SPI
A/D
CAN Bus
LIN Bus
VSENSE
VBAT
* = Optional
Figure 2. 33905S Simplified Application Diagram


Similar Part No. - MC33903

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903 FREESCALE-MC33903 Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903 FREESCALE-MC33903 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
More results

Similar Description - MC33903

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com