Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC705B16 Datasheet(PDF) 44 Page - Motorola, Inc

Part # MC68HC705B16
Description  High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
Download  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC705B16 Datasheet(HTML) 44 Page - Motorola, Inc

Back Button MC68HC705B16 Datasheet HTML 40Page - Motorola, Inc MC68HC705B16 Datasheet HTML 41Page - Motorola, Inc MC68HC705B16 Datasheet HTML 42Page - Motorola, Inc MC68HC705B16 Datasheet HTML 43Page - Motorola, Inc MC68HC705B16 Datasheet HTML 44Page - Motorola, Inc MC68HC705B16 Datasheet HTML 45Page - Motorola, Inc MC68HC705B16 Datasheet HTML 46Page - Motorola, Inc MC68HC705B16 Datasheet HTML 47Page - Motorola, Inc MC68HC705B16 Datasheet HTML 48Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 298 page
background image
MOTOROLA
3-2
MC68HC05B6
Rev. 4
MEMORY AND REGISTERS
3
3.4
Self-check ROM
There are two areas of self-check ROM (ROMI and ROMII) located from $0200 to $02BF (192
bytes) and $1F00 to $1FEF (240 bytes) respectively.
Figure 3-1 Memory map of the MC68HC05B6
$1FFE–F
$1FF6–7
Port B data register
Port C data register
Port D input data register
Port A data register
$0000
Compare low register 2
A/D data register
User vectors
(14 bytes)
$0000
I/O
(32 bytes)
$0020
$00C0
$0100
$1FF0
Stack
RAM
(176 bytes)
$02C0
$0200
$1F00
$0050
Port A data direction register
Port B data direction register
Port C data direction register
EEPROM/ECLK control register
A/D status/control register
Pulse length modulation A
Pulse length modulation B
Miscellaneous register
SCI baud rate register
SCI control register 1
SCI control register 2
SCI status register
SCI data register
Timer control register
Timer status register
Capture high register 1
Capture low register 1
Compare high register 1
Compare low register 1
Counter high register
Counter low register
Alternate counter high register
Alternate counter low register
Capture high register 2
Capture low register 2
Compare high register 2
$0001
$0002
$0003
$0004
$0005
$0006
$0007
$0008
$0009
$000A
$000B
$000C
$000D
$000E
$000F
$0010
$0011
$0012
$0013
$0014
$0015
$0016
$0017
$0018
$0019
$001A
$001B
$001C
$001D
$001E
$001F
Page 0 User
ROM
(48 bytes)
Self-check ROM I
(192 bytes)
User ROM
(5888 bytes)
Self-check ROM II
(240 bytes)
$0800
$1FF2–3
OPTR (1 byte)
Non protected (31 bytes)
Protected (224 bytes)
EEPROM
(256 bytes)
$0101
$0120
$0100
Options register
Reserved
MC68HC05B6
Registers
SCI
Timer overflow
Timer output compare 1& 2
Timer input capture 1 & 2
External IRQ
SWI
Reset/power-on reset
$1FF4–5
$1FF8–9
$1FFA–B
$1FFC–D
TPG
42
05B6Book Page 2 Tuesday, April 6, 1999 8:24 am
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC705B16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC705B16 FREESCALE-MC68HC705B16 Datasheet
3Mb / 302P
   Microcontrollers
MC68HC705B16 FREESCALE-MC68HC705B16 Datasheet
2Mb / 302P
   Microcontrollers
MC68HC705B16N FREESCALE-MC68HC705B16N Datasheet
3Mb / 302P
   Microcontrollers
MC68HC705B16N FREESCALE-MC68HC705B16N Datasheet
2Mb / 302P
   Microcontrollers
More results

Similar Description - MC68HC705B16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11PH8 MOTOROLA-MC68HC11PH8 Datasheet
1Mb / 264P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
logo
Freescale Semiconductor...
MC68HC11PH8 FREESCALE-MC68HC11PH8 Datasheet
1Mb / 264P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
logo
Motorola, Inc
MC68HC05J3 MOTOROLA-MC68HC05J3 Datasheet
918Kb / 92P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
HC05 MOTOROLA-HC05 Datasheet
1Mb / 232P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05BD3 FREESCALE-MC68HC05BD3 Datasheet
8Mb / 112P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
logo
Motorola, Inc
MC68HC05F8 MOTOROLA-MC68HC05F8 Datasheet
1Mb / 126P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com