Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


I.MX27L_11 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part No. I.MX27L_11
Description  Multimedia Applications Processor Multiple clock and power domains
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

 8 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.7
8
Freescale Semiconductor
Functional Description and Application Information
RTC
Real Time Clock
Timer
Peripheral
The RTC module provides a current stamp of seconds,
minutes, hours, and days. Alarm and timer functions are also
available for programming. The RTC supports dates from the
year 1980 to 2050.
2.3.28/20
RTIC
Run-Time
Integrity
Checkers
Security
The RTIC ensures the integrity of the contents of the peripheral
memory and assists with boot authentication.
Contact your Freescale Semiconductor sales office or
distributor for additional information on SCC, RTIC, IIM,
SAHARA2
2.3.29/21
SAHARA2
Symmetric/
Asymmetric
Hashing and
Random
Accelerator
Security
SAHARA2 is a security co-processor which forms part of the
Platform Independent Security Architecture (PISA), and can be
used on cell phone baseband processors or wireless PDAs.
Contact your Freescale Semiconductor sales office or
distributor for additional information on SCC, RTIC, IIM,
SAHARA2
2.3.30/21
SCC
Security
Controller
Module
Security
The SCC is a hardware component composed of two
blocks—the Secure RAM module, and the Security Monitor.
The Secure RAM provides a way of securely storing sensitive
information. The Security Monitor implements the security
policy, checking algorithm sequencing, and controlling the
Secure State.
Contact your Freescale Semiconductor sales office or
distributor for additional information on SCC, RTIC, IIM,
SAHARA2
2.3.31/21
SDHC
Secured Digital
Host Controller
Connectivity
Peripheral
The SDHC controls the MMC (MultiMediaCard), SD (Secure
Digital) memory, and I/O cards by sending commands to cards
and performing data accesses to and from the cards.
2.3.32/21
SLCDC
Smart Liquid
Crystal Display
Controller
Multimedia
Interface
The SLCDC module transfers data from the display memory
buffer to the external display device.
2.3.33/22
SSI
Synchronous
Serial Interface
Multimedia
Peripheral
The SSI is a full-duplex, serial port that allows the chip to
communicate with a variety of serial devices, such as standard
codecs, digital signal processors (DSPs), microprocessors,
peripherals, and popular industry audio codecs that implement
the inter-IC sound bus standard (I2S) and Intel AC97 standard.
2.3.34/22
UART
Universal
Asynchronous
Receiver/
Transmitter
Connectivity
Peripheral
The UART provides serial communication capability with
external devices through an RS-232 cable or through use of
external circuitry that converts infrared signals to electrical
signals (for reception) or transforms electrical signals to signals
that drive an infrared LED (for transmission) to provide low
speed IrDA compatibility.
2.3.35/23
Table 2. Digital and Analog Modules (continued)
Block Mnemonic
Block Name
Functional
Grouping
Brief Description
Section/
Page




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl