Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33887APR2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC33887APR2
Description  5.0 A H-Bridge with Load Current Feedback
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33887APR2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC33887APR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33887APR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33887APR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33887APR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33887APR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33887APR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33887APR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33887APR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33887APR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33887
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33887 Simplified Internal Block Diagram
OUT1
OUT2
PGND
AGND
CCP
VPWR
EN
IN1
IN2
D1
D2
FS
FB
CHARGE PUMP
CURRENT
LIMIT,
OVERCURRENT
SENSE &
FEEDBACK
CIRCUIT
UNDERVOLTAGE
OVER
CONTROL
LOGIC
TEMPERATURE
GATE
DRIVE
5.0 V
REGULATOR
25
μA
8
μA
(EACH)


Similar Part No. - MC33887APR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33887APVW NXP-MC33887APVW Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
More results

Similar Description - MC33887APR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33887 FREESCALE-33887 Datasheet
856Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33887 MOTOROLA-MC33887 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com