Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT10S60C Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IDT10S60C
Description  2nd Generation thinQ SiC Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDT10S60C Datasheet(HTML) 2 Page - Infineon Technologies AG

  IDT10S60C Datasheet HTML 1Page - Infineon Technologies AG IDT10S60C Datasheet HTML 2Page - Infineon Technologies AG IDT10S60C Datasheet HTML 3Page - Infineon Technologies AG IDT10S60C Datasheet HTML 4Page - Infineon Technologies AG IDT10S60C Datasheet HTML 5Page - Infineon Technologies AG IDT10S60C Datasheet HTML 6Page - Infineon Technologies AG IDT10S60C Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IDT10S60C
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
1.5
K/W
Thermal resistance,
junction - ambient
R thJA
leaded
-
-
62
Soldering temperature,
wavesoldering only allowed at leads
T sold
1.6mm (0.063 in.) from
case for 10s
-
-
260
°C
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
DC blocking voltage
V DC
I R=0.14 mA
600
-
-
V
Diode forward voltage
V F
I F=10 A, T j=25 °C
-
1.5
1.7
I F=10 A, T j=150 °C
-
1.7
2.1
Reverse current
I R
V R=600 V, T j=25 °C
-
1.4
140
µA
V R=600 V, T j=150 °C
-
5
1400
AC characteristics
Total capacitive charge
Q c
-24-
nC
Switching time
3)
t c
-
-
<10
ns
Total capacitance
C
V R=1 V, f =1 MHz
-
480
-
pF
V R=300 V, f =1 MHz
-60-
V R=600 V, f =1 MHz
-60-
4) Only capacative charge occuring, guaranteed by design.
Values
V R=400 V, I F≤I F,max,
di F/dt =200 A/µs,
T j=150 °C
3) t
c is the time constant for the capacitive displacement current waveform (independent from T j, ILOAD and
di/dt), different from trr, which is dependent on Tj, ILOAD, di/dt. No reverse recovery time constant trr due to
absence of minority carrier injection.
1) J-STD20 and JESD22
2) All devices tested under avalanche conditions, for a time periode of 5ms, at 5mA.
Rev. 2.1
page 2
2008-06-09


Similar Part No. - IDT10S60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDT10S60C INFINEON-IDT10S60C Datasheet
241Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
More results

Similar Description - IDT10S60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDV03S60C INFINEON-IDV03S60C Datasheet
1Mb / 10P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1, 2010-02-16
IDC06S60C INFINEON-IDC06S60C Datasheet
61Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDC08S60C INFINEON-IDC08S60C Datasheet
59Kb / 4P
   2nd generation thinQ SiC Schottky Diode
27.04.2006
IDB10S60C INFINEON-IDB10S60C Datasheet
575Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2009-01-07
IDH06S60C INFINEON-IDH06S60C Datasheet
440Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2009-06-02
IDV04S60C INFINEON-IDV04S60C Datasheet
1Mb / 10P
   2nd Generation thinQ! SiC Schottky Diode
Rev. 2.0, 2010-01-08
IDT12S60C INFINEON-IDT12S60C Datasheet
236Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
IDT05S60C INFINEON-IDT05S60C_08 Datasheet
426Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-06
IDC05S60C INFINEON-IDC05S60C Datasheet
60Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDD04S60C INFINEON-IDD04S60C Datasheet
241Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-04-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com