Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC56F8246VLF Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC56F8246VLF
Description  Digital Signal Controller Battery chargers and management
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8246VLF Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC56F8246VLF Datasheet HTML 1Page - Freescale Semiconductor, Inc MC56F8246VLF Datasheet HTML 2Page - Freescale Semiconductor, Inc MC56F8246VLF Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F8246VLF Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F8246VLF Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8246VLF Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8246VLF Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8246VLF Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8246VLF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
MC56F825x/MC56F824x Family Configuration
MC56F825x/MC56F824x Digital Signal Controller, Rev. 3
Freescale Semiconductor
3
1
MC56F825x/MC56F824x Family Configuration
Table 1 compares the MC56F825x/MC56F824x devices.
Table 1. MC56F825x/MC56F824x Device Comparison
Feature
56F8245 56F8246 56F8247 56F8255 56F8256 56F8257
Operation Frequency (MHz)
60
High Speed Peripheral Clock (MHz)
120
Flash memory size (KB) with 1024 words per page
48
48
48
64
64
64
RAM size (KB)
668888
Enhanced
Flex PWM
(eFlexPWM)
High resolution NanoEdge PWM (520 ps res.)
666666
Enhanced Flex PWM with Input Capture
003003
PWM Fault Inputs (from Crossbar Input)
444444
12-bit ADC with x1, 2x, 4x Programmable Gain
2 x 4Ch
2 x 5Ch
2 x 8Ch
2 x 4Ch 2 x 5 Ch 2 x 8 Ch
Analog comparators (ACMP) each with integrated 5-bit DAC
3
12-bit DAC
1
Cyclic Redundancy Check (CRC)
Yes
Inter-Integrated Circuit (I2C) / SMBus
2
Queued Serial peripheral Interface (QSPI)
1
High speed Queued Serial Communications Interface (QSCI)1
1 Can be clocked by high speed peripheral clock up to 120 MHz
2
Controller Area Network (MSCAN)
0
1
High Speed 16-bit multi-purpose timers (TMR)2
2 Can be clocked by high speed peripheral clock up to 120 MHz
8
Computer operating properly (COP) watchdog timer
Yes
Integrated Power-On Reset and low voltage detection
Yes
Phase-locked loop (PLL)
Yes
8 MHz (400 kHz at standby mode) on-chip ROSC
Yes
Crystal/resonator oscillator
Yes
Crossbar
Input pins
666666
Output pins
226226
General purpose I/O (GPIO)3
3 Shared with other function pins
35
39
54
35
39
54
IEEE 1149.1 Joint Test Action Group (JTAG) interface
Yes
Enhanced on-chip emulator (EOnCE)
Yes
Operating temperature range
-40 °C to 105 °C
Package
44LQFP 48LQFP 64LQFP 44LQFP 48LQFP 64LQFP


Similar Part No. - MC56F8246VLF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC56F82313 NXP-MC56F82313 Datasheet
433Kb / 2P
   Half the power with twice the performance for energy-efficient applications
REV 0
MC56F82313VLC NXP-MC56F82313VLC Datasheet
1Mb / 68P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 4, 05/2020
MC56F82316 NXP-MC56F82316 Datasheet
433Kb / 2P
   Half the power with twice the performance for energy-efficient applications
REV 0
MC56F82316VLF NXP-MC56F82316VLF Datasheet
1Mb / 68P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 4, 05/2020
MC56F82323 NXP-MC56F82323 Datasheet
433Kb / 2P
   Half the power with twice the performance for energy-efficient applications
REV 0
More results

Similar Description - MC56F8246VLF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONTROLLER FOR BATTERY CHARGERS
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
   Power Management ICs for Battery Chargers
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
   Controller for power supply and battery management
2003 Oct 31
logo
Texas Instruments
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
[Old version datasheet]   Battery Management Controller Companion
logo
STMicroelectronics
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com