Part Name
         Description
33810_11

 Automotive Engine Control IC Quad injector driver with Parallel/SPI control ( 37 Page)


FREESCALE
100% 
Zoom Out Zoom In
 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33810
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 4. Functional Internal Block Diagram
POWER SUPPLY/POR
The 33810 is designed to operate from 4.5 to 36 V on the
VPWR pin. The VPWR pin supplies power to all internal
regulators, analog, and logic circuit blocks. The VDD supply
is used for setting communication threshold levels and
supplying power to the SO driver. This IC architecture
provides a low quiescent current sleep mode. Applying
VPWR and VDD to the device will generate a Power On
Reset (POR) and place the device in the Normal State. The
Power On Reset circuit incorporates a timer to prevent high
frequency transients from causing a POR.
MCU INTERFACE AND OUTPUT CONTROL
This component provides parallel input pins for OUT0-
OUT3 low side drivers and GD0-GD3 gate drivers. Each
parallel input control pin is active high and has an internal
pulldown current sink. The parallel input data is logically OR’d
with the corresponding SPI input data register contents. All
outputs are disabled when the OUTEN pin is HIGH,
regardless of the state of the command inputs.
INJECTOR DRIVERS: OUT0 – OUT3
These pins are the Open drain low side (Injector) driver
outputs. The drain voltage is actively clamped during turn off
of inductive loads. These outputs can be connected in
parallel for higher current loads, provided the turn off energy
rating is not exceeded.
IGNITION GATE PRE-DRIVERS: GD0 – GD3
These pins are the gate drive outputs for an external
MOSFET or IGBT. Internal to the device is a Gate to Source
resistor designed to hold the external device in the OFF state
while the device is in the POR or Sleep State.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl