Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDC05S120E Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IDC05S120E
Description  1200V thinQ!TM SiC Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDC05S120E Datasheet(HTML) 2 Page - Infineon Technologies AG

  IDC05S120E Datasheet HTML 1Page - Infineon Technologies AG IDC05S120E Datasheet HTML 2Page - Infineon Technologies AG IDC05S120E Datasheet HTML 3Page - Infineon Technologies AG IDC05S120E Datasheet HTML 4Page - Infineon Technologies AG IDC05S120E Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IDC05S120E
Edited by INFINEON Technologies, AIM IMM, Rev. 2.1, 28.01.2009
Maximum Ratings
Parameter
Symbol
Condition
Value
Unit
Repetitive peak reverse voltage
VRRM
Tvj = 25 °C
1200
DC blocking voltage
VDC
1200
V
Continuous forward current,
limited by Tvjmax
IF
Tvj < 150°C
5
TC =25
°C, tP =10 ms
29
Surge non repetitive forward current,
sine halfwave
IF,SM
TC =150
°C, tP =10 ms
25
Repetitive peak forward current,
limited by thermal resistance Rth
IF,RM
TC = 100
°C, Tvj =150°C,
D=0.1
23
Non-repetitive peak forward current
IF,max
TC =25
°C, tP=10µs
110
A
TC =25
°C, tP =10 ms
4
i
2 t value
dt
i
2
TC =150
°C, tP =10 ms
3
A
2s
Operating junction and storage
temperature range
Tvj ,
Tstg
-55...+175
°C
Static Characteristics (tested on wafer)
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Reverse current
IR
VR=1200V, Tvj =25
°C
5
120
µA
Diode forward voltage
VF
IF=5A, Tvj =25
°C
1.6
1.8
V
Static Characteristics (not subject to production test - verified by design / characterization)
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Reverse current
IR
VR=1200V, Tvj =150
°C
20
1000
µA
Diode forward voltage
VF
IF=5A, Tvj =150
°C
2.5
3
V


Similar Part No. - IDC05S120E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDC05S60C INFINEON-IDC05S60C Datasheet
60Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDC05S60CE INFINEON-IDC05S60CE Datasheet
111Kb / 4P
   2nd generation thinQ!TM SiC Schottky Diode
Edition 1.1, 27.01.200
More results

Similar Description - IDC05S120E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDC08S120E INFINEON-IDC08S120E Datasheet
129Kb / 5P
   1200V thinQ!TM SiC Schottky Diode
Rev. 2.1, 28.01.2009
IDH10S120 INFINEON-IDH10S120 Datasheet
254Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH15S120 INFINEON-IDH15S120 Datasheet
254Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH05S120 INFINEON-IDH05S120 Datasheet
241Kb / 6P
   thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-20
IDH12S60C INFINEON-IDH12S60C Datasheet
250Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-27
IDH16S60C INFINEON-IDH16S60C Datasheet
238Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-04-27
IDT02S60C INFINEON-IDT02S60C Datasheet
297Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2007-04-25
IDH08S60C INFINEON-IDH08S60C Datasheet
236Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2009-06-02
IDH04S60C INFINEON-IDH04S60C Datasheet
236Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2009-07-03
IDH10S60C INFINEON-IDH10S60C Datasheet
242Kb / 7P
   2ndGeneration thinQ!TM SiC Schottky Diode
Rev. 2.0 2009-06-02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com