Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDB45E60 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IDB45E60
Description  Fast Switching EmCon Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDB45E60 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IDB45E60 Datasheet HTML 1Page - Infineon Technologies AG IDB45E60 Datasheet HTML 2Page - Infineon Technologies AG IDB45E60 Datasheet HTML 3Page - Infineon Technologies AG IDB45E60 Datasheet HTML 4Page - Infineon Technologies AG IDB45E60 Datasheet HTML 5Page - Infineon Technologies AG IDB45E60 Datasheet HTML 6Page - Infineon Technologies AG IDB45E60 Datasheet HTML 7Page - Infineon Technologies AG IDB45E60 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2007-09-01
Rev.2.2
Page 3
IDB45E60
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Reverse recovery time
VR=400V, IF=45A, diF/dt=1000A/µs, Tj=25°C
VR=400V, IF=45A, diF/dt=1000A/µs, Tj=125°C
VR=400V, IF=45A, diF/dt=1000A/µs, Tj=150°C
trr
-
-
-
140
185
195
-
-
-
ns
Peak reverse current
VR=400V, IF = 45A, diF/dt=1000A/µs, Tj=25°C
VR=400V, IF =45A, diF/dt=1000A/µs, Tj=125°C
VR=400V, IF =45A, diF/dt=1000A/µs, Tj=150°C
Irrm
-
-
-
23
28.1
29
-
-
-
A
Reverse recovery charge
VR=400V, IF=45A, diF/dt=1000A/µs, Tj=25°C
VR=400V, IF =45A, diF/dt=1000A/µs, Tj=125°C
VR=400V, IF =45A, diF/dt=1000A/µs, Tj=150°C
Qrr
-
-
-
1400
2650
2900
-
-
-
nC
Reverse recovery softness factor
VR=400V, IF=45A, diF/dt=1000A/µs, Tj=25°C
VR=400V, IF=45A, diF/dt=1000A/µs, Tj=125°C
VR=400V, IF=45A, diF/dt=1000A/µs, Tj=150°C
S
-
-
-
3.1
4.2
4.4
-
-
-


Similar Part No. - IDB45E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDB45E60 INFINEON-IDB45E60 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
logo
Inchange Semiconductor ...
IDB45E60 ISC-IDB45E60 Datasheet
322Kb / 2P
   Fast Recovery Diode
More results

Similar Description - IDB45E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD15E60 INFINEON-IDD15E60 Datasheet
187Kb / 8P
   Fast Switching EmCon Diode
2001-12-05
IDD04E120 INFINEON-IDD04E120 Datasheet
253Kb / 8P
   Fast Switching EmCon Diode
Rev.2.1 2005-02-24
IDB09E60 INFINEON-IDB09E60_07 Datasheet
208Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB09E120 INFINEON-IDB09E120_07 Datasheet
238Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD09E60 INFINEON-IDD09E60_07 Datasheet
673Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
IDB15E60 INFINEON-IDB15E60 Datasheet
197Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB12E120 INFINEON-IDB12E120 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP45E60 INFINEON-IDP45E60 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP18E120 INFINEON-IDP18E120 Datasheet
199Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB30E120 INFINEON-IDB30E120_07 Datasheet
214Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD23E60 INFINEON-IDD23E60_07 Datasheet
743Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com