Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2QS03 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # ICE2QS03
Description  Quasi-Resonant PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2QS03 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button ICE2QS03 Datasheet HTML 7Page - Infineon Technologies AG ICE2QS03 Datasheet HTML 8Page - Infineon Technologies AG ICE2QS03 Datasheet HTML 9Page - Infineon Technologies AG ICE2QS03 Datasheet HTML 10Page - Infineon Technologies AG ICE2QS03 Datasheet HTML 11Page - Infineon Technologies AG ICE2QS03 Datasheet HTML 12Page - Infineon Technologies AG ICE2QS03 Datasheet HTML 13Page - Infineon Technologies AG ICE2QS03 Datasheet HTML 14Page - Infineon Technologies AG ICE2QS03 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Quasi-Resonant PWM Controller
ICE2QS03
Functional Description
Version 2.1
11
April 21, 2011
immediately after leaving Active Burst Mode. This is
helpful to decrease the output voltage undershoot.
VFBEB
VFBBOn
VFBLB
V
FB
t
VCSB
1.0V
VCS
VVCCoff
V
VCC
t
t
VO
t
VFBBOff
Max. Ripple < 1%
Blanking Window (tBEB)
Current limit level
during Active Burst
Mode
Leaving
Active Burst
Mode
Entering
Active Burst
Mode
Figure 8
Signals in Active Burst Mode
3.6
Protection Functions
The IC provides full protection functions. The following
table summarizes these protection functions.
Table 2
VCC Overvoltage
Auto Restart Mode
VCC Undervoltage
Auto Restart Mode
Overload/Open Loop
Auto Restart Mode
Over temperature
Auto Restart Mode
Output Overvoltage
Latched Off Mode
Short Winding
Latched Off Mode
Protection features
During operation, the VCC voltage is continuously
monitored. In case of an under- or an over-voltage, the
IC is reset and the main power switch is then kept off.
After the VCC voltage falls below the threshold VVCCoff,
the startup cell is activated. The VCC capacitor is then
charged up. Once the voltage exceeds the threshold
VVCCon, the IC begins to operate with a new soft-start.
In case of open control loop or output over load, the
feedback voltage will be pulled up . After a blanking
time of 24ms, the IC enters auto-restart mode. The
blanking time here enables the converter to provide a
high power in case the increase in VFB is due to a
sudden load increase. During off-time of the power
switch, the voltage at the zero-crossing pin is
monitored for output over-voltage detection. If the
voltage is higher than the preset threshold vZCOVP, the
IC is latched off after the preset blanking time.
If the junction temperature of IC exceeds 140
C, the IC
enter into autorestart mode.
If the voltage at the current sensing pin is higher than
the preset threshold vCSSW during on-time of the power
switch, the IC is latched off. This is short-winding
protection.
During latch-off protection mode, when the VCC
voltage drops to 10.5V,the startup cell is activated and
the VCC voltage is charged to 18V then the startup cell
is shut down again
and repeats the previous procedure.
There is also an maximum on time limitation inside
ICE2QS03. Once the gate voltage is high longer than
tOnMAx, it is turned off immediately.


Similar Part No. - ICE2QS03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
ICE2QS03G INFINEON-ICE2QS03G Datasheet
701Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
ICE2QS03G INFINEON-ICE2QS03G Datasheet
1Mb / 24P
   Active burst mode for low standby power
V2.3, 2014-03-06
ICE2QS03G INFINEON-ICE2QS03G Datasheet
2Mb / 16P
   15W 5V charger reference design with 700V CoolMOS P7
Rev. 1.0 2017-03-15
ICE2QS03G INFINEON-ICE2QS03G_14 Datasheet
1Mb / 24P
   Active burst mode for low standby power
V2.3, 2014-03-06
More results

Similar Description - ICE2QS03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
   QUASI-RESONANT PWM CONTROLLER
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
May 2019
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
    Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Infineon Technologies A...
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
   Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
   Quasi-Resonant PWM Controller
logo
Infineon Technologies A...
ICE2QS03G INFINEON-ICE2QS03G Datasheet
701Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
logo
Diodes Incorporated
AP3301 DIODES-AP3301 Datasheet
568Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
logo
Infineon Technologies A...
ICE2QS02G INFINEON-ICE2QS02G Datasheet
416Kb / 17P
   Quasi-Resonant PWM Controller
Version 2.0, 13 June 2008
logo
Active-Semi, Inc
ACT511 ACTIVE-SEMI-ACT511 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com