Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2BS01G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ICE2BS01G
Description  Off-Line SMPS Current Mode Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2BS01G Datasheet(HTML) 3 Page - Infineon Technologies AG

  ICE2BS01G Datasheet HTML 1Page - Infineon Technologies AG ICE2BS01G Datasheet HTML 2Page - Infineon Technologies AG ICE2BS01G Datasheet HTML 3Page - Infineon Technologies AG ICE2BS01G Datasheet HTML 4Page - Infineon Technologies AG ICE2BS01G Datasheet HTML 5Page - Infineon Technologies AG ICE2BS01G Datasheet HTML 6Page - Infineon Technologies AG ICE2BS01G Datasheet HTML 7Page - Infineon Technologies AG ICE2BS01G Datasheet HTML 8Page - Infineon Technologies AG ICE2BS01G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Datasheet
3
30 Jun 2006
Type
Frequency
Package
ICE2AS01
100kHz
PG-DIP-8
ICE2AS01G
100kHz
PG-DSO-8
ICE2BS01
67kHz
PG-DIP-8
ICE2BS01G
67kHz
PG-DSO-8
ICE2AS01/S01G
ICE2BS01/S01G
P-DIP-8-4
PG-DIP-8
P-DSO-8-3
PG-DSO-8
C
Soft Start
C
VCC
R
Start-up
VCC
-
Converter
DC Output
+
ICE2AS01(G) / ICE2BS01(G)
Snubber
Power
Management
Protection Unit
Soft-Start Control
PWM Controller
Current Mode
FB
85 ... 270 VAC
Feedback
Feedback
Typical Application
Low Power
StandBy
Precise Low Tolerance
Peak Current Limitation
R
Sense
Isense
GND
SoftS
Gate
Off-Line SMPS Current Mode Controller
Product Highlights
• Enhanced Protection Functions all
with Auto Restart
• Lowest Standby Power Dissipation
• Very Accurate Current Limiting
• PB-free Plating and RoHS compliant
Features
• Only few external Components required
• Input Undervoltage Lockout
• 67kHz/100kHz fixed Switching Frequency
• Max Duty Cycle 72%
• Low Power Standby Mode to support
“Blue Angel” Norm
• Latched Thermal Shut Down
• Overload and Open Loop Protection
• Overvoltage Protection during Auto Restart
• Adjustable Peak Current Limitation via
External Resistor
• Overall Tolerance of Current Limiting
< ±5%
• Internal Leading Edge Blanking
• Soft Start
• Soft gate driving for Low EMI
Description
This stand alone controller provides several special
enhancements to satisfy the needs for low power standby
and protection features. In standby mode frequency
reduction is used to lower the power consumption and
provide a stable output voltage in this mode. The frequency
reduction is limited to 20kHz / 21.5 kHz (typ.) to avoid
audible noise. In case of failure modes like open loop,
overvoltage or overload due to short circuit the device
switches in Auto Restart Mode which is controlled by the
internal protection unit. By means of the internal precise
peak current limitation the dimension of the transformer and
the secondary diode can be lower which leads to more cost
efficiency.


Similar Part No. - ICE2BS01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2BS01G INFINEON-ICE2BS01G Datasheet
1Mb / 24P
   PWM-FF IC
V2.0, 1 Feb 2002
More results

Similar Description - ICE2BS01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BR1065JF INFINEON-ICE3BR1065JF_11 Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controller
Version 2.1, 6 May 2011
ICE3BR4765JZ INFINEON-ICE3BR4765JZ Datasheet
1Mb / 32P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Aug 2011
TDA16822 INFINEON-TDA16822 Datasheet
240Kb / 14P
   Off-Line SMPS Current Mode Controller
V2.0, 11 April 2000
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR0665J INFINEON-ICE3BR0665J Datasheet
916Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3A2065ELJ INFINEON-ICE3A2065ELJ_12 Datasheet
788Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3A1065ELJ INFINEON-ICE3A1065ELJ_12 Datasheet
786Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR0680JZ INFINEON-ICE3BR0680JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR0665JZ INFINEON-ICE3BR0665JZ Datasheet
569Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com