Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2BS01 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ICE2BS01
Description  Off-Line SMPS Current Mode Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2BS01 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ICE2BS01 Datasheet HTML 4Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 5Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 6Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 7Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 8Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 9Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 10Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 11Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Datasheet
8
30 Jun 2006
Preliminary Data
ICE2AS01/S01G
ICE2BS01/S01G
Functional Description
The primary current is sensed by the series resistor
RSense inserted in the source of the external Power
Switch. By means of Current Mode the regulation of the
secondary voltage is insensitive on line variations. Line
variation causes variation of the increasing current
slope which controls the duty cycle.
The external RSense allows an individual adjustment of
the maximum source current of the external Power
Switch.
Figure 6
Improved Current Mode
To improve the Current Mode during light load
conditions the amplified current ramp of the PWM-OP
is superimposed on a voltage ramp, which is built by
the switch T2, the voltage source V1 and the 1st order
low pass filter composed of R1 and C1 (see Figure 6,
Figure 7). Every time the oscillator shuts down for max.
duty cycle limitation the switch T2 is closed by VOSC.
When the oscillator triggers the Gate Driver T2 is
opened so that the voltage ramp can start (see Figure
7).
In case of light load the amplified current ramp is to
small to ensure a stable regulation. In that case the
Voltage Ramp is a well defined signal for the
comparison with the FB-signal. The duty cycle is then
controlled by the slope of the Voltage Ramp.
By means of the C5 Comparator the Gate Driver is
switched-off until the voltage ramp exceeds 0.3V. It
allows the duty cycle to be reduced continuously till 0%
by decreasing VFB below that threshold.
Figure 7
Light Load Conditions
3.2.1
PWM-OP
The input of the PWM-OP is applied over the internal
leading edge blanking to the external sense resistor
RSense connected to pin ISense. RSense converts the
source current into a sense voltage. The sense voltage
is amplified with a gain of 3.65 by PWM OP. The output
of the PWM-OP is connected to the voltage source V1.
The voltage ramp with the superimposed amplified
current signal is fed into the positive inputs of the PWM-
Comparator, C5 and the Soft-Start-Comparator.
3.2.2
PWM-Comparator
The PWM-Comparator compares the sensed current
signal of the external Power Switch with the feedback
signal VFB (see Figure 8). VFB is created by an external
optocoupler or external transistor in combination with
the internal pullup resistor RFB and provides the load
information of the feedback circuitry. When the
amplified current signal of the external Power Switch
exceeds the signal VFB the PWM-Comparator switches
off the Gate Driver.
x3.65
PWM OP
0.8V
10k
Oscillator
PWM Comparator
20pF
T
2
R
1
C
1
FB
PWM-Latch
V
1
C5
0.3V
Gate Driver
Voltage Ramp
V
OSC
Soft-Start Comparator
t
t
V
OSC
0.8V
FB
Gate Driver
Voltage Ramp
t
max.
Duty Cycle
0.3V


Similar Part No. - ICE2BS01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2BS01 INFINEON-ICE2BS01 Datasheet
1Mb / 24P
   PWM-FF IC
V2.0, 1 Feb 2002
ICE2BS01G INFINEON-ICE2BS01G Datasheet
1Mb / 24P
   PWM-FF IC
V2.0, 1 Feb 2002
More results

Similar Description - ICE2BS01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BR1065JF INFINEON-ICE3BR1065JF_11 Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controller
Version 2.1, 6 May 2011
ICE3BR4765JZ INFINEON-ICE3BR4765JZ Datasheet
1Mb / 32P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Aug 2011
TDA16822 INFINEON-TDA16822 Datasheet
240Kb / 14P
   Off-Line SMPS Current Mode Controller
V2.0, 11 April 2000
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR0665J INFINEON-ICE3BR0665J Datasheet
916Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3A2065ELJ INFINEON-ICE3A2065ELJ_12 Datasheet
788Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3A1065ELJ INFINEON-ICE3A1065ELJ_12 Datasheet
786Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR0680JZ INFINEON-ICE3BR0680JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR0665JZ INFINEON-ICE3BR0665JZ Datasheet
569Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com