Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2AS01G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ICE2AS01G
Description  Off-Line SMPS Current Mode Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ICE2AS01G Datasheet HTML 6Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 7Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 8Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 9Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 10Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 11Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 12Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 13Page - Infineon Technologies AG ICE2AS01G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Datasheet
10
30 Jun 2006
Preliminary Data
ICE2AS01/S01G
ICE2BS01/S01G
Functional Description
Figure 11 Start Up Phase
3.4
Oscillator and Frequency
Reduction
3.4.1
Oscillator
The oscillator generates a frequency fswitch = 100kHz. A
resistor, a capacitor and a current source and current
sink which determine the frequency are integrated. The
charging and discharging current of the implemented
oscillator capacitor are internally trimmed, in order to
achieve a very accurate switching frequency. The ratio
of controlled charge to discharge current is adjusted to
reach a max. duty cycle limitation of Dmax=0.72.
3.4.2
Frequency Reduction
The frequency of the oscillator is depending on the
voltage at pin FB. The dependence is shown in Figure
12. This feature allows a power supply to operate at
lower frequency at light loads thus lowering the
switching losses while maintaining good cross
regulation performance and low output ripple. In case
of low power the power consumption of the whole
SMPS can now be reduced very effective. The minimal
reachable frequency is limited to 20kHz / 21.5 kHz to
avoid audible noise in any case.
Figure 12 Frequency Dependence
3.5
Current Limiting
There is a cycle by cycle current limiting realised by the
Current-Limit Comparator to provide an overcurrent
detection. The source current of the external Power
Switch is sensed via an external sense resistor RSense.
By means of RSense the source current is transformed to
a sense voltage VSense. When the voltage VSense
exceeds the internal threshold voltage Vcsth the
Current-Limit-Comparator immediately turns off the
gate drive. To prevent the Current Limiting from
distortions caused by leading edge spikes a Leading
Edge Blanking is integrated at the Current Sense.
Furthermore a Propagation Delay Compensation is
added to support the immediate shut down of the
Power Switch in case of overcurrent.
3.5.1
Leading Edge Blanking
Figure 13 Leading Edge Blanking
Each time when the external Power Switch is switched
on a leading spike is generated due to the primary-side
capacitances and secondary-side rectifier reverse
t
t
V
SoftS
t
5.3V
4.8V
T
Soft-Start
V
OUT
V
FB
V
OUT
T
Start-Up
f
standby
f
norm
1,0
1,1
1,2
1,3
1,4
1,5
1,6
1,7
1,8
1,9
2
FB
V
V
kHz
f
norm:
ICE2BS01(G)
ICE2AS01(G)
67kHz
100kHz
f
standby:
20kHz
21.5kHz
t
V
Sense
V
csth
t
LEB = 220ns


Similar Part No. - ICE2AS01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2AS01G INFINEON-ICE2AS01G Datasheet
1Mb / 24P
   PWM-FF IC
V2.0, 1 Feb 2002
More results

Similar Description - ICE2AS01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BR1065JF INFINEON-ICE3BR1065JF_11 Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controller
Version 2.1, 6 May 2011
ICE3BR4765JZ INFINEON-ICE3BR4765JZ Datasheet
1Mb / 32P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Aug 2011
TDA16822 INFINEON-TDA16822 Datasheet
240Kb / 14P
   Off-Line SMPS Current Mode Controller
V2.0, 11 April 2000
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR0665J INFINEON-ICE3BR0665J Datasheet
916Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3A2065ELJ INFINEON-ICE3A2065ELJ_12 Datasheet
788Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3A1065ELJ INFINEON-ICE3A1065ELJ_12 Datasheet
786Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR0680JZ INFINEON-ICE3BR0680JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR0665JZ INFINEON-ICE3BR0665JZ Datasheet
569Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com