Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICB1FL02G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ICB1FL02G
Description  Smart Ballast Control IC for Fluorescent Lamp Ballasts
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICB1FL02G Datasheet(HTML) 3 Page - Infineon Technologies AG

  ICB1FL02G_08 Datasheet HTML 1Page - Infineon Technologies AG ICB1FL02G_08 Datasheet HTML 2Page - Infineon Technologies AG ICB1FL02G_08 Datasheet HTML 3Page - Infineon Technologies AG ICB1FL02G_08 Datasheet HTML 4Page - Infineon Technologies AG ICB1FL02G_08 Datasheet HTML 5Page - Infineon Technologies AG ICB1FL02G_08 Datasheet HTML 6Page - Infineon Technologies AG ICB1FL02G_08 Datasheet HTML 7Page - Infineon Technologies AG ICB1FL02G_08 Datasheet HTML 8Page - Infineon Technologies AG ICB1FL02G_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Type
Package
ICB1FL02G
PG-DSO-18-2
ICB1FL02G
PG-DSO-18-1
Datasheet Version 2.1
3
September 2008
Product Highlights
• Lowest Count of external Components
• HV-Driver with coreless Transformer Technology
• Improved Reliability and minimized Spread due to
digital and optimized analog control functions
Features PFC
Discontinuous Conduction Mode PFC
Integrated Compensation of PFC Control Loop
Adjustable PFC Current Limitation
Adjustable PFC Bus Voltage
Features Lamp Ballast Inverter
Supports Restart after Lamp Removal and End-of-
Life Detection in Multi-Lamp Topologies
End-of-Life (EOL) detected by adjustable
± Thresholds of sensed lamp voltage
Rectifier Effect detected by ratio of ± Amplitude of
Lamp Voltage
Detection of different capacitive Mode Operations
Adjustable Inverter Overcurrent Shutdown
Self-adaption of Ignition Time from 40ms to 235ms
Parameters adjustable by Resistors only
Pb-free lead plating; RoHS compliant
Halogen-free mould compound, WEEE compliant
Smart Ballast Control IC for
Fluorescent Lamp Ballasts
Description
The Smart Ballast IC is designed to control a Fluorescent
Lamp Ballast including a Discontinuous Conduction
Mode Power Factor Correction (PFC), a lamp Inverter
Control and a High Voltage Level Shift Half-Bridge
Driver.
The
application
requires
a
minimum
of
external
components. There are integrated low pass filters and an
internal compensation for the PFC voltage loop control.
Preheating time is adjustable by a single resistor only in
the range between 0 and 2000ms. In the same way the
preheating frequency and run frequency are set by
resistors only. The control concept covers requirements
for T5 lamp ballasts such as detection of end-of-life and
detection of capacitive mode operation and other
protection measures even in multilamp topologies.
ICB1FL02G is easy to use and easy to design and
therefore a basis for a cost effective solution for
fluorescent lamp ballasts.
PFCZCD
PFCGD
PFCVS
PFCCS
HSGD
HSVCC
HSGND
LSGD
LSCS
90 ... 270 V AC
PFCZCD
PFCGD
PFCVS
PFCCS
HSGD
HSVCC
HSGND
LSGD
LSCS
90 ... 270 V AC
PG-DSO-18-2


Similar Part No. - ICB1FL02G_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICB1FL02G INFINEON-ICB1FL02G Datasheet
1Mb / 37P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
Version 1.2, Feb 2006
More results

Similar Description - ICB1FL02G_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICB1FL01G INFINEON-ICB1FL01G Datasheet
998Kb / 38P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
Version 1.5, June 2005
ICB2FL02G INFINEON-ICB2FL02G Datasheet
1Mb / 55P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
V1.2 08.02.2010
ICB1FL02G INFINEON-ICB1FL02G Datasheet
1Mb / 37P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
Version 1.2, Feb 2006
ICB2FL01G INFINEON-ICB2FL01G Datasheet
992Kb / 56P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
V1.2 May 2010
ICB1FL03G INFINEON-ICB1FL03G Datasheet
1Mb / 38P
   Smart Ballast Control IC for Fluorescent Lamp Ballasts
Version 1.02, March 2009
logo
Fairchild Semiconductor
FAN7387V FAIRCHILD-FAN7387V Datasheet
2Mb / 12P
   Ballast Control IC for Compact Fluorescent Lamp
FAN7387V FAIRCHILD-FAN7387V_12 Datasheet
1,018Kb / 12P
   Ballast Control IC for Compact Fluorescent Lamp
FAN7710 FAIRCHILD-FAN7710 Datasheet
921Kb / 18P
   Ballast Control IC for Compact Fluorescent Lamps
logo
ON Semiconductor
FAN7710V ONSEMI-FAN7710V Datasheet
1Mb / 20P
   Ballast Control IC for Compact Fluorescent Lamps
February 2012 Ver 1.0.4
logo
Fairchild Semiconductor
FAN7710V FAIRCHILD-FAN7710V Datasheet
1Mb / 18P
   Ballast Control IC for Compact Fluorescent Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com