Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5245 Datasheet(PDF) 1 Page - Seme LAB

Part # 1N5245
Description  ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N5245 Datasheet(HTML) 1 Page - Seme LAB

  1N5245 Datasheet HTML 1Page - Seme LAB 1N5245 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Max Zener Impedance
Max Reverse Leakage Current
Max Zener Voltage
Temp. Coeff
– 0.085
– 0.085
– 0.080
– 0.080
– 0.075
– 0.070
– 0.065
– 0.060
± 0.055
± 0.030
± 0.030
+ 0.038
+ 0.038
+ 0.045
+ 0.050
Prelim. 1/99
1N5221B-LCC3
TOB-LCC
1N5281B-LCC3
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ZENER VOLTAGE REGULATOR
DIODE IN HERMETIC CERAMIC
SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY
APPLICATIONS
Tcase
Operating temperature Range
Tstg
Storage Temperature Range
PTOT
Power Dissipation TA = 25°C
RTH
J-A
Thermal resistance (Junction to Ambient)
-55 to +175°C
-65 to +175°C
500mW
300°C/W
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS @ 25°C
FEATURES
• Military Screening Options available
MECHANICAL DATA
Dimensions in mm (inches)
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
1 = CATHODE
2 = N/C
3 = N/C
4 = ANODE
Nominal
Zener Voltage
Vz @ IZT
Volts
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
ZZT @ IZT
Ohms
30
30
30
30
29
28
24
23
22
19
17
11
7.0
7.0
5.0
ZZK @ IZK = 0.25mA
Ohms
1200
1250
1300
1400
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
750
IR
mmmmA
100
100
75
75
50
25
15
10
5.0
5.0
5.0
5.0
5.0
5.0
3.0
VR Volts
B, C & D
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
3.5
4.0
5.0
@
A
0.95
0.95
0.95
0.95
0.95
0.95
0.95
0.95
0.95
1.9
1.9
2.9
3.3
3.8
4.8
Test
Current
IZT
mA
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
Part No.
1N5221
1N5222
1N5223
1N5224
1N5225
1N5226
1N5227
1N5228
1N5229
1N5230
1N5231
1N5232
1N5233
1N5234
1N5235


Similar Part No. - 1N5245

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5245 SURGE-1N5245 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Jinan Jingheng (Group) ...
1N5245 JINANJINGHENG-1N5245 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5245 HORNBY-1N5245 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Semtech Corporation
1N5245 SEMTECH-1N5245 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
1N5245 MCC-1N5245 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

Similar Description - 1N5245

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML09GB22U2 SEME-LAB-SML09GB22U2 Datasheet
71Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM Datasheet
18Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM_02 Datasheet
18Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
1N5711CSM SEME-LAB-1N5711CSM Datasheet
12Kb / 1P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
SML17GB15U2C SEME-LAB-SML17GB15U2C Datasheet
71Kb / 2P
   COMMON CATHODE SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
SML11GB15U2C SEME-LAB-SML11GB15U2C Datasheet
71Kb / 2P
   COMMON CATHODE SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
SML09GB22U2C SEME-LAB-SML09GB22U2C Datasheet
71Kb / 2P
   COMMON CATHODE SCHOTTKY DIODES IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BZX55C SEME-LAB-BZX55C Datasheet
19Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
BZX55C SEME-LAB-BZX55C_08 Datasheet
40Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI?밨EL APPLICATIONS
2N3501CSM4 SEME-LAB-2N3501CSM4 Datasheet
17Kb / 3P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com