Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZ400R12KS4 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # FZ400R12KS4
Description  62mm C-Series module with the fast IGBT2 for high-frequency switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FZ400R12KS4 Datasheet(HTML) 7 Page - Infineon Technologies AG

  FZ400R12KS4 Datasheet HTML 1Page - Infineon Technologies AG FZ400R12KS4 Datasheet HTML 2Page - Infineon Technologies AG FZ400R12KS4 Datasheet HTML 3Page - Infineon Technologies AG FZ400R12KS4 Datasheet HTML 4Page - Infineon Technologies AG FZ400R12KS4 Datasheet HTML 5Page - Infineon Technologies AG FZ400R12KS4 Datasheet HTML 6Page - Infineon Technologies AG FZ400R12KS4 Datasheet HTML 7Page - Infineon Technologies AG FZ400R12KS4 Datasheet HTML 8Page - Infineon Technologies AG FZ400R12KS4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Technische Information / technical information
FZ400R12KS4
IGBT-Module
IGBT-modules
= 6
>
6
%
6'
= 6
>
6
%
6'
= 6
>
6
%
6'
= 6
>
6
%
6'
7
6 8
%
'
7
6 8
%
'
7
6 8
%
'
7
6 8
%
'
&_]p , %-n'
&_]p , %-n'
&_]p , %-n'
&_]p , %-n'
U/. ,
\B ()* , M
(
U/. ,
\B ()* , M
(
U/. ,
\B ()* , M
(
U/. ,
\B ()* , M
(
-n y1z
0
100 200 300 400 500 600 700 800
0
5
10
15
20
25
30
35
40
&_]pB 5PQ ,
"RC
= 6
>
6
%
6'
= 6
>
6
%
6'
= 6
>
6
%
6'
= 6
>
6
%
6'
7
6 8
%
'
7
6 8
%
'
7
6 8
%
'
7
6 8
%
'
&_]p , % U'
&_]p , % U'
&_]p , % U'
&_]p , % U'
-n ,
1B ()* , M
(
-n ,
1B ()* , M
(
-n ,
1B ()* , M
(
-n ,
1B ()* , M
(
U y\z
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
40
&_]pB 5PQ ,
"RC
5
J ! 7
>
6
5
J ! 7
>
6
5
J ! 7
>
6
5
J ! 7
>
6
6 !
!
6 !
!
6 !
!
6 !
!
{HXi) , % '
{HXi) , % '
{HXi) , % '
{HXi) , % '
y z
0,001
0,01
0,1
1
10
0,001
0,01
0,1
{HXi) >
[yA2
z
[y z
B
"
B
B
"
B
B
S
B "
B
M"
B


Similar Part No. - FZ400R12KS4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Infineon Technologies A...
FZ400R12KS4P INFINEON-FZ400R12KS4P Datasheet
512Kb / 9P
   62mm C-Serien Modul mit schnellem IGBT2 für hochfrequentes Schalten und bereits aufgetragenem Thermal Interface Material
revision: V2.0 2016-06-14
More results

Similar Description - FZ400R12KS4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FD300R12KS4_B5 EUPEC-FD300R12KS4_B5 Datasheet
272Kb / 8P
   62mm C-series module with the fast IGBT2 for high-frequency switching
FZ600R12KS4 EUPEC-FZ600R12KS4 Datasheet
274Kb / 8P
   62mm C-series module with the fast IGBT2 for high-frequency switching
logo
Infineon Technologies A...
FF300R12KS4 INFINEON-FF300R12KS4 Datasheet
263Kb / 8P
   62mm C-series module with the fast IGBT2 for high-frequency switching
2008-09-03 revision:3.2
FF150R12KS4_B2 INFINEON-FF150R12KS4_B2 Datasheet
1Mb / 9P
   62mm C-Series module with the fast IGBT2 for high-frequency switching
2009-08-14 revision:3.4
FF100R12KS4 INFINEON-FF100R12KS4 Datasheet
1Mb / 9P
   62mm C-Series module with the fast IGBT2 for high-frequency switching
2009-08-14 revision:3.4
FF200R12KS4 INFINEON-FF200R12KS4 Datasheet
1Mb / 9P
   62mm C-Series module with the fast IGBT2 for high-frequency switching
2009-08-14 revision:3.4
logo
eupec GmbH
FF150R12KS4 EUPEC-FF150R12KS4 Datasheet
284Kb / 8P
   62mm C-series module with the fast IGBT2 for high-frequency switching
logo
Infineon Technologies A...
FF150R12KS4 INFINEON-FF150R12KS4 Datasheet
1Mb / 9P
   62mm C-Series module with the fast IGBT2 for high-frequency switching
2009-08-14 revision:3.4
FF300R12KS4 INFINEON-FF300R12KS4_13 Datasheet
438Kb / 8P
   62mm C-series module with the fast IGBT2 for high-frequency switching
2013-10-03 revision:3.2
FF200R12KS4P INFINEON-FF200R12KS4P Datasheet
504Kb / 9P
   62mm C-Series module with the fast IGBT2 for high-frequency switching and pre-applied Thermal Interface Material
V 3.0 2020-02-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com