Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEMIX302GAL12E4S Datasheet(PDF) 1 Page - Semikron International

Part # SEMIX302GAL12E4S
Description  Trench IGBT Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX302GAL12E4S Datasheet(HTML) 1 Page - Semikron International

  SEMIX302GAL12E4S_10 Datasheet HTML 1Page - Semikron International SEMIX302GAL12E4S_10 Datasheet HTML 2Page - Semikron International SEMIX302GAL12E4S_10 Datasheet HTML 3Page - Semikron International SEMIX302GAL12E4S_10 Datasheet HTML 4Page - Semikron International SEMIX302GAL12E4S_10 Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMiX302GAL12E4s
© by SEMIKRON
Rev. 0 – 05.05.2010
1
SEMiX® 2s
GAL
Trench IGBT Modules
SEMiX302GAL12E4s
Features
• Homogeneous Si
• Trench = Trenchgate technology
•VCE(sat) with positive temperature
coefficient
• High short circuit capability
• UL recognized, file no. E63532
Typical Applications*
• AC inverter drives
•UPS
• Electronic Welding
Remarks
• Case temperature limited to TC=125°C
max.
• Product reliability results are valid for
Tj=150°C
• Dynamic values apply to the
following combination of resistors:
RGon,main = 0,5 Ω
RGoff,main = 0,5 Ω
RG,X = 2,2 Ω
RE,X = 0,5 Ω
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
IGBT
VCES
1200
V
IC
Tj = 175 °C
Tc =25°C
463
A
Tc =80°C
356
A
ICnom
300
A
ICRM
ICRM = 3xICnom
900
A
VGES
-20 ... 20
V
tpsc
VCC = 800 V
VGE ≤ 20 V
VCES ≤ 1200 V
Tj = 150 °C
10
µs
Tj
-40 ... 175
°C
Inverse diode
IF
Tj = 175 °C
Tc =25°C
356
A
Tc =80°C
266
A
IFnom
300
A
IFRM
IFRM = 3xIFnom
900
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
1620
A
Tj
-40 ... 175
°C
Freewheeling diode
IF
Tj = 175 °C
Tc =25°C
356
A
Tc =80°C
266
A
IFnom
300
A
IFRM
IFRM = 3xIFnom
900
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
1620
A
Tj
-40 ... 175
°C
Module
It(RMS)
600
A
Tstg
-40 ... 125
°C
Visol
AC sinus 50Hz, t = 1 min
4000
V
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
IGBT
VCE(sat)
IC =300 A
VGE =15V
chiplevel
Tj =25°C
1.8
2.05
V
Tj = 150 °C
2.2
2.4
V
VCE0
Tj =25°C
0.8
0.9
V
Tj = 150 °C
0.7
0.8
V
rCE
VGE =15V
Tj =25°C
3.3
3.8
mΩ
Tj = 150 °C
5.0
5.3
mΩ
VGE(th)
VGE=VCE, IC =12mA
5
5.8
6.5
V
ICES
VGE =0V
VCE = 1200 V
Tj =25°C
0.1
0.3
mA
Tj = 150 °C
mA
Cies
VCE =25 V
VGE =0V
f=1MHz
18.6
nF
Coes
f=1MHz
1.16
nF
Cres
f=1MHz
1.02
nF
QG
VGE =- 8 V...+ 15 V
1700
nC
RGint
Tj =25°C
2.50


Similar Part No. - SEMIX302GAL12E4S_10

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX302GAL12E4S SEMIKRON-SEMIX302GAL12E4S Datasheet
392Kb / 5P
   Trench IGBT Modules
More results

Similar Description - SEMIX302GAL12E4S_10

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX353GB126HDS SEMIKRON-SEMIX353GB126HDS_09 Datasheet
380Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_09 Datasheet
420Kb / 6P
   Trench IGBT Modules
SEMIX703GB126HDS SEMIKRON-SEMIX703GB126HDS_09 Datasheet
383Kb / 6P
   Trench IGBT Modules
SEMIX854GB176HDS SEMIKRON-SEMIX854GB176HDS_08 Datasheet
369Kb / 5P
   Trench IGBT Modules
SEMIX453GB176HDS SEMIKRON-SEMIX453GB176HDS_10 Datasheet
324Kb / 5P
   Trench IGBT Modules
SKM400GB176D SEMIKRON-SKM400GB176D_10 Datasheet
808Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_10 Datasheet
349Kb / 5P
   Trench IGBT Modules
SKIM459GD12E4 SEMIKRON-SKIM459GD12E4_11 Datasheet
337Kb / 5P
   Trench IGBT Modules
SEMIX402GB066HDS SEMIKRON-SEMIX402GB066HDS_08 Datasheet
360Kb / 5P
   Trench IGBT Modules
SEMIX453GD176HDC SEMIKRON-SEMIX453GD176HDC_09 Datasheet
380Kb / 5P
   Trench IGBT Modules
SEMIX604GB12E4S SEMIKRON-SEMIX604GB12E4S Datasheet
404Kb / 5P
   Trench IGBT Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com