Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM4403 Datasheet(PDF) 3 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GM4403
Description  SOT-23
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GM4403 Datasheet(HTML) 3 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GM4403 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GM4403 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GM4403 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd. GM4403 Datasheet HTML 4Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GM4403
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
小信號特性
SWITCHING
SWITCHING
SWITCHING
SWITCHING
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
開關特性
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Current-Gain-Bandwidth Product
電流增益帶寬乘積
(Ic=-20mAdc,VCE=-10Vdc,f=100MHz)
fT
200
MHz
Collector-Base Capacitance 集電極基極電容
(VCB=-10Vdc, IE=0, f=1.0MHz)
Ccb
8.5
pF
Emitter-Base Capacitance 發射極基極電容
(VBE=-0.5Vdc, IC=0, f=1.0MHz)
Ceb
30
pF
Intput
Impedance 輸入阻抗
(Ic=-1.0mAdc,VCE=-10Vdc,f=1.0kHz)
hie
1.5
15
kQ
Voltage Feedback Radio 電壓反饋係數
(Ic=-1.0mAdc,VCE=-10Vdc,f=1.0kHz)
hre
0.1
8.0
×10-4
Small-Signal Current Gain 小信號電流增益
(Ic=-1.0mAdc,VCE=-10Vdc,f=1.0kHz)
hfe
60
500
Output Admittance 輸出導納
(Ic=-1.0mAdc,VCE=-10Vdc,f=1.0kHz)
hoe
1.0
100
μmhos
Delay Time
延遲時間
(Vcc=-30Vdc,VEB=-2.0Vdc
Ic=-150mAdc,IB1=-15mAdc)
td
15
ns
Rise Time
上升時間
tr
20
Storage Time
儲存時間
(Vcc=-30Vdc,Ic=-150mAdc,
IB1=IB2=-15mAdc)
ts
225
ns
Fall Time
下降時間
tf
30


Similar Part No. - GM4403

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GM4403 ETL-GM4403 Datasheet
260Kb / 2P
   P N P E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GM4403

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GMC2412K GSME-GMC2412K Datasheet
275Kb / 3P
   SOT-23
MMBTH10 GSME-MMBTH10 Datasheet
294Kb / 3P
   SOT-23
GM3356 GSME-GM3356 Datasheet
282Kb / 3P
   SOT-23
GM3838 GSME-GM3838 Datasheet
294Kb / 3P
   SOT-23
GM2222 GSME-GM2222 Datasheet
325Kb / 4P
   SOT-23
GM2712 GSME-GM2712 Datasheet
280Kb / 3P
   SOT-23
GMA92 GSME-GMA92 Datasheet
302Kb / 3P
   SOT-23
MMBTH10 GSME-MMBTH10_15 Datasheet
294Kb / 3P
   SOT-23
logo
Sangdest Microelectroni...
S23LC03 SMC-S23LC03 Datasheet
124Kb / 4P
   SOT-23
logo
Guilin Strong Micro-Ele...
2SC3356 GSME-2SC3356 Datasheet
282Kb / 3P
   SOT-23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com