Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2060A Datasheet(PDF) 1 Page - Seme LAB

Part No. 2N2060A
Description  DUAL AMPLIFIER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo 

   
 1 page
background image
Prelim. 4/96
LAB
SEME
2N2060A
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
DUAL AMPLIFIER
TRANSISTOR
Small Signal Dual Transistor
in a TO–77 Hermetic Package.
VCEO
Collector – Emitter Voltage
VCER
Collector – Emitter Voltage
VCBO
Collector – Base Voltage
VEBO
Emitter – Base Voltage
IC
Collector Current
TJ , Tstg
Operating and Storage Junction Temperature Range
PD
Total Device Dissipation
@ TA = 25°C
Derate above 25°C
PD
Total Device Dissipation
@ TC = 25°C
Derate above 25°C
60V
80V
100V
7V
500mA
–65 to +200°C
Per Side
Total Device
0.5W
0.6W
2.86mW/°C
3.43mW/°C
1.5W
3.0W
8.61mW/°C
17.2mW/°C
MECHANICAL DATA
Dimensions in mm (inches)
TO–77 METAL PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
PIN 1 – Collector
PIN 2 – Base
PIN 3 – Emitter
PIN 4 – Emitter
PIN 5 – Base
PIN 6 – Collector
1.02
(0.040)
Max.
8.51 (0.335)
9.40 (0.370)
7.75 (0.305)
8.51 (0.335)
5.08
(0.200)
2.54
(0.100)
2.54
(0.100)
0.74 (0.029)
1.14 (0.045)
1
6
4
3
2
45˚
0.71 (0.028)
0.86 (0.034)
0.41 (0.016)
0.53 (0.021)
5




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC1927NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER AND ULTRA HIGH SPEED SWITCHING INDUSTRIAL USE 1 2 3 4 NEC
3SK255RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS SUPER MINI MOLD 1 2 3 4 5 MoreNEC
MD2218DUAL AMPLIFIER TRANSISTOR NPN SILICON 1 2 3 4 5 Motorola, Inc
2N3043DUAL AMPLIFIER TRANSISTOR 1 2 3 4 Motorola, Inc
3SK222RF AMPLIFIER FOR FM TUNER AND VHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
3SK223RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
MD3250DUAL AMPLIFIER TRANSISTOR 1 2 3 4 5 MoreMotorola, Inc
3SK224RF AMPLIFIER FOR UHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
3SK252RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
3SK253RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl