Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C6V8 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # BZX84C6V8
Description  SOT-23 SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

BZX84C6V8 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  BZX84C6V8 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. BZX84C6V8 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. BZX84C6V8 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
電特性
(T
(T
(T
(T
A
A
A
A
=
=
=
=
25
25
25
25
unless
unless
unless
unless
otherwise
otherwise
otherwise
otherwise
noted
noted
noted
noted
如無特殊說明,溫度爲 25℃)))
)
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
WORK
WORK
WORK
WORK
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
V
V
V
V
Z
Z
Z
Z
(V)
(V)
(V)
(V)
DIFFERENTIAL RESISTANCE
rdif(Ω)
TEMP. COEFF.
SZ(mV/K)
Marking
TEST
TEST
TEST
TEST
CONDITION
CONDITION
CONDITION
CONDITION
III
I
Z
Z
Z
Z
=5mA
=5mA
=5mA
=5mA
III
I
Z
Z
Z
Z
=1mA
=1mA
=1mA
=1mA
III
I
Z
Z
Z
Z
=5mA
=5mA
=5mA
=5mA
III
I
Z
Z
Z
Z
=5mA
=5mA
=5mA
=5mA
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
MIN.
TYP.
MAX.
BZX84C3V0
2.8
3.2
325
600
80
95
-3.5
-2.1
0
Z13
BZX84C3V3
3.1
3.5
350
600
85
95
-3.5
-2.4
0
Z14
BZX84C3V6
3.4
3.8
375
600
85
90
-3.5
-2.4
0
Z15
BZX84C3V9
3.7
4.1
400
600
85
90
-3.5
-2.5
0
Z16
BZX84C4V3
4.0
4.6
400
600
85
90
-3.5
-2.5
0
Z17
BZX84C4V7
4.4
5.0
410
600
80
90
-3.5
-2.5
0
Z1
BZX84C5V1
4.8
5.4
425
500
50
80
-3.5
-1.4
0.2
Z2
BZX84C5V6
5.2
6.0
400
480
40
60
-2.7
-0.8
1.2
Z3
BZX84C6V2
5.8
6.6
80
400
15
40
-2.0
1.2
2.5
Z4
BZX84C6V8
6.4
7.2
40
150
6
10
0.4
2.3
3.7
Z5
BZX84C7V5
7.0
7.9
30
80
6
15
1.2
3.0
4.5
Z6
BZX84C8V2
7.7
8.7
30
80
6
15
2.5
4.0
5.3
Z7
BZX84C9V1
8.5
9.6
40
80
6
15
3.2
4.6
6.2
Z8
BZX84C10
9.4
10.6
40
100
6
15
3.8
5.5
7.0
Z9
BZX84C11
10.4
11.6
50
150
8
20
4.5
6.4
8.0
Y1
BZX84C12
11.4
12.7
50
150
10
20
5.4
7.4
9.0
Y2
BZX84C13
12.4
14.1
50
150
10
25
6.0
8.4
10.0
Y3
BZX84C15
13.8
15.6
50
170
10
30
7.0
9.4
11.0
Y4
BZX84C16
15.3
17.1
50
200
10
30
9.2
11.4
13.0
Y5
BZX84C18
16.8
19.1
50
200
10
40
10.4
12.4
14.0
Y6
BZX84C20
18.8
21.2
50
225
10
45
12.4
14.4
16.0
Y7
BZX84C22
20.8
23.3
60
225
15
55
14.4
16.4
18.0
Y8
BZX84C24
22.8
25.6
60
250
20
55
16.4
18.4
20.0
Y9
TEST
TEST
TEST
TEST
CONDITION
CONDITION
CONDITION
CONDITION
III
I
Z
Z
Z
Z
=2mA
=2mA
=2mA
=2mA
III
I
Z
Z
Z
Z
=0.5mA
=0.5mA
=0.5mA
=0.5mA
III
I
Z
Z
Z
Z
=2mA
=2mA
=2mA
=2mA
III
I
Z
Z
Z
Z
=2mA
=2mA
=2mA
=2mA
BZX84C27
25.1
28.9
65
300
25
80
21.4
23.4
25.3
Y10
BZX84C30
28.0
32.0
70
300
30
80
24.4
26.6
29.4
Y11
BZX84C33
31.0
35.0
75
325
35
80
27.4
29.7
33.4
Y12
BZX84C36
34.0
38.0
80
350
35
90
30.4
33.0
37.4
Y13
BZX84C39
37.0
41.0
80
350
40
130
33.4
36.4
41.2
Y14
BZX84C43
40.0
46.0
85
375
45
150
37.6
41.2
46.6
Y15
BZX84C47
44.0
50.0
85
375
50
170
42.0
46.1
51.8
Y16


Similar Part No. - BZX84C6V8

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C6V8 CENTRAL-BZX84C6V8 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
logo
Vishay Siliconix
BZX84C6V8 VISHAY-BZX84C6V8 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C6V8 BWTECH-BZX84C6V8 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
SHENZHEN YONGERJIA INDU...
BZX84C6V8 WINNERJOIN-BZX84C6V8 Datasheet
435Kb / 5P
   Planar Die Construction.
logo
Central Semiconductor C...
BZX84C6V8 CENTRAL-BZX84C6V8 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results

Similar Description - BZX84C6V8

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
BZX84C GSME-BZX84C Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
logo
Rectron Semiconductor
CMBZ5221B RECTRON-CMBZ5221B Datasheet
21Kb / 2P
   5% SOT-23 SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
MMBZ52 JGD-MMBZ52 Datasheet
96Kb / 1P
   SURFACE MOUNT ZENER DIODES/SOT-23
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
   SURFACE MOUNT ZENER DIODES/SOT-23
logo
Rectron Semiconductor
BAS70 RECTRON-BAS70 Datasheet
154Kb / 3P
   SOT-23 SURFACE MOUNT SCHOTTKY DIODE
logo
ON Semiconductor
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84BXXXLT1G ONSEMI-BZX84BXXXLT1G Datasheet
223Kb / 8P
   Zener Voltage Regulators 250 mW SOT−23 Surface Mount
August, 2021 - Rev. 23
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1_05 Datasheet
79Kb / 7P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
logo
Rectron Semiconductor
CZMK4V7 RECTRON-CZMK4V7 Datasheet
33Kb / 1P
   SOT-23 DUAL ZENER DIODE (Common Cathode)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com