Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFHCS362G Datasheet(PDF) 10 Page - Microchip Technology

Part # RFHCS362G
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Datasheet(HTML) 10 Page - Microchip Technology

Back Button RFHCS362G Datasheet HTML 6Page - Microchip Technology RFHCS362G Datasheet HTML 7Page - Microchip Technology RFHCS362G Datasheet HTML 8Page - Microchip Technology RFHCS362G Datasheet HTML 9Page - Microchip Technology RFHCS362G Datasheet HTML 10Page - Microchip Technology RFHCS362G Datasheet HTML 11Page - Microchip Technology RFHCS362G Datasheet HTML 12Page - Microchip Technology RFHCS362G Datasheet HTML 13Page - Microchip Technology RFHCS362G Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
rfHCS362G/362F
DS41189B-page 10
© 2011 Microchip Technology Inc.
FIGURE 2-2:
I/O CIRCUITS
2.1
Encoder Architectural Overview
2.1.1
ONBOARD EEPROM
The rfHCS362G/362F has an onboard nonvolatile
EEPROM which is used to store user programmable
data. The data can be programmed at the time of pro-
duction and includes the security-related information
such as encoder keys, serial numbers, discrimination
and seed values. All the security related options
are read protected. The rfHCS362G/362F has built-in
protection against counter corruption. Before every
EEPROM write, the internal circuitry also ensures that
the high voltage required to write to the EEPROM is at
an acceptable level.
2.1.2
INTERNAL RC OSCILLATOR
The rfHCS362G/362F has an onboard RC oscillator
that controls all the logic output timing characteristics.
The oscillator frequency varies within ±10% of the
nominal value (once calibrated over a voltage range of
2V – 3.5V or 3.5V – 6.3V). All the timing values
specified in this document are subject to the oscillator
variation.
FIGURE 2-3:
TYPICAL rfHCS362G/362F
NORMALIZED OSCILLATOR
PERIOD VS. TEMPERATURE
S0, S1, S2,
RS
Inputs
VDD
RFEN
S3 Input/
RS
RDATA
DATA I/O
LED output
RL
RH
VDD
DATA
LEDH
LEDL
RFEN Output
PFET
NFET
PFET
NFET
NFET
SHIFT input
SHIFT
RFENIN
NFET
FSKOUT OUTPUT
ANT1, ANT2 outputs
CLKOUT
VDDRF
PFET
NFET
PS/DATAASK
VDDRF
V
PLL Lock
20
μA
VDDRF
V
VCO
5 pF
200
Ω
200
Ω
Change
Pump
LF
RFENIN input
XTAL
output
PS
DATAFSK input
0.94
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.92
0.90
VDD Legend
= 2.0V
= 3.0V
= 6.0V
Temperature °C
-50-40-30-20-10 0 10 20 30 40 50 6070 80 90
Note: Values are for calibrated oscillator


Similar Part No. - RFHCS362G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RFHCS362G MICROCHIP-RFHCS362G Datasheet
502Kb / 60P
   Code Hopping Encoder with UHF ASK/FSK Transmitter
2002
More results

Similar Description - RFHCS362G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RFHCS362F MICROCHIP-RFHCS362F Datasheet
502Kb / 60P
   Code Hopping Encoder with UHF ASK/FSK Transmitter
2002
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
   KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com