Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS515 Datasheet(PDF) 3 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 3 Page - Microchip Technology

  HCS515 Datasheet HTML 1Page - Microchip Technology HCS515 Datasheet HTML 2Page - Microchip Technology HCS515 Datasheet HTML 3Page - Microchip Technology HCS515 Datasheet HTML 4Page - Microchip Technology HCS515 Datasheet HTML 5Page - Microchip Technology HCS515 Datasheet HTML 6Page - Microchip Technology HCS515 Datasheet HTML 7Page - Microchip Technology HCS515 Datasheet HTML 8Page - Microchip Technology HCS515 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
© 2011 Microchip Technology Inc.
DS40183E-page 3
HCS515
FIGURE 1-1:
CREATION AND STORAGE OF CRYPT KEY DURING PRODUCTION
The 16-bit synchronization counter is the basis behind
the transmitted code word changing for each transmis-
sion; it increments each time a button is pressed. Due
to the code hopping algorithm’s complexity, each incre-
ment of the synchronization value results in greater
than 50% of the bits changing in the transmitted code
word.
Figure 1-2 shows how the key values in EEPROM are
used in the encoder. Once the encoder detects a button
press, it reads the button inputs and updates the syn-
chronization counter. The synchronization counter and
crypt key are input to the encryption algorithm and the
output is 32 bits of encrypted information. This data will
change with every button press, its value appearing
externally to ‘randomly hop around’, hence it is referred
to as the hopping portion of the code word. The 32-bit
hopping code is combined with the button information
and serial number to form the code word transmitted to
the receiver. The code word format is explained in
greater detail in Section 7.2.
A receiver may use any type of controller as a decoder,
but it is typically a microcontroller with compatible firm-
ware that allows the decoder to operate in conjunction
with an HCS515 based transmitter. Section 3.0
provides detail on integrating the HCS515 into a sys-
tem.
A transmitter must first be ‘learned’ by the receiver
before its use is allowed in the system. Learning
includes calculating the transmitter’s appropriate crypt
key, decrypting the received hopping code and storing
the serial number, synchronization counter value and
crypt key in EEPROM.
In normal operation, each received message of valid
format is evaluated. The serial number is used to deter-
mine if it is from a learned transmitter. If from a learned
transmitter, the message is decrypted and the synchro-
nization counter is verified. Finally, the button status is
checked to see what operation is requested. Figure 1-3
shows the relationship between some of the values
stored by the receiver and the values received from
the transmitter.
FIGURE 1-2:
BUILDING THE TRANSMITTED CODE WORD (ENCODER)
Transmitter
Manufacturer’s
Serial Number
Code
Crypt
Key
Key
Generation
Algorithm
Serial Number
Crypt Key
Sync Counter
.
.
.
HCS515
Production
Programmer
EEPROM Array
Button Press
Information
EEPROM Array
32 Bits
Encrypted Data
Serial Number
Transmitted Information
Crypt Key
Sync Counter
Serial Number
KEELOQ®
Encryption
Algorithm


Similar Part No. - HCS515

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS515 MICROCHIP-HCS515 Datasheet
332Kb / 28P
   KEELOQ CODE HOPPING DECODER
2002
HCS515 MICROCHIP-HCS515 Datasheet
395Kb / 28P
   Memory Programming Specification
2004
HCS515 MICROCHIP-HCS515 Datasheet
324Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515 MICROCHIP-HCS515 Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
More results

Similar Description - HCS515

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
   KEELOQ짰 Code Hopping Decoder
2002
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
   KEELOQ짰 Code Hopping Decoder
01/27/15
HCS512 MICROCHIP-HCS512_11 Datasheet
715Kb / 34P
   KEELOQ짰 Code Hopping Decoder system and high security
2011
HCS500 MICROCHIP-HCS500_11 Datasheet
728Kb / 40P
   KEELOQ짰 Code Hopping Decoder encoders to implement a unidirectional
2011
logo
ATMEL Corporation
AT89SND2CMP3B ATMEL-AT89SND2CMP3B_14 Datasheet
2Mb / 242P
   Stand-alone MP3 Decoder
logo
Microchip Technology
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515 MICROCHIP-HCS515 Datasheet
332Kb / 28P
   KEELOQ CODE HOPPING DECODER
2002
HCS512 MICROCHIP-HCS512 Datasheet
224Kb / 20P
   KEELOQ CODE HOPPING DECODER
1997
HCS515 MICROCHIP-HCS515 Datasheet
324Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS500-I MICROCHIP-HCS500-I Datasheet
403Kb / 34P
   KEELOQ Code Hopping Decoder
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com