Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS515 Datasheet(PDF) 2 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 2 Page - Microchip Technology

  HCS515_11 Datasheet HTML 1Page - Microchip Technology HCS515_11 Datasheet HTML 2Page - Microchip Technology HCS515_11 Datasheet HTML 3Page - Microchip Technology HCS515_11 Datasheet HTML 4Page - Microchip Technology HCS515_11 Datasheet HTML 5Page - Microchip Technology HCS515_11 Datasheet HTML 6Page - Microchip Technology HCS515_11 Datasheet HTML 7Page - Microchip Technology HCS515_11 Datasheet HTML 8Page - Microchip Technology HCS515_11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
HCS515
DS40183E-page 2
© 2011 Microchip Technology Inc.
ations in transmitter data rate. The decoder contains
sophisticated error checking algorithms to ensure only
valid codes are accepted.
1.0
SYSTEM OVERVIEW
Key Terms
The following is a list of key terms used throughout this
data sheet. For additional information on KEELOQ® and
Code Hopping, refer to Technical Brief 3 (TB003).
• RKE - Remote Keyless Entry
• Button Status - Indicates what button input(s)
activated the transmission. Encompasses the 4
button status bits S3, S2, S1 and S0 (Figure 7-2).
• Code Hopping - A method by which a code,
viewed externally to the system, appears to
change unpredictably each time it is transmitted.
• Code word - A block of data that is repeatedly
transmitted upon button activation (Figure 7-1).
• Transmission - A data stream consisting of
repeating code words (Figure 7-1).
• Crypt key - A unique and secret 64-bit number
used to encrypt and decrypt data. In a symmetri-
cal block cipher such as the KEELOQ algorithm,
the encryption and decryption keys are equal and
will therefore be referred to generally as the crypt
key.
• Encoder - A device that generates and encodes
data.
• Encryption Algorithm - A recipe whereby data is
scrambled using a crypt key. The data can only be
interpreted by the respective decryption algorithm
using the same crypt key.
• Decoder - A device that decodes data received
from an encoder.
• Decryption algorithm - A recipe whereby data
scrambled by an encryption algorithm can be
unscrambled using the same crypt key.
• Learn – Learning involves the receiver calculating
the transmitter’s appropriate crypt key, decrypting
the received hopping code and storing the serial
number, synchronization counter value and crypt
key in EEPROM. The KEELOQ product family facil-
itates several learning strategies to be imple-
mented on the decoder. The following are
examples of what can be done.
- Simple Learning
The receiver uses a fixed crypt key, common
to all components of all systems by the same
manufacturer, to decrypt the received code
word’s encrypted portion.
- Normal Learning
The receiver uses information transmitted
during normal operation to derive the crypt
key and decrypt the received code word’s
encrypted portion.
- Secure Learn
The transmitter is activated through a special
button combination to transmit a stored 60-bit
seed value used to generate the transmitter’s
crypt key. The receiver uses this seed value
to derive the same crypt key and decrypt the
received code word’s encrypted portion.
• Manufacturer’s code – A unique and secret 64-
bit number used to generate unique encoder crypt
keys. Each encoder is programmed with a crypt
key that is a function of the manufacturer’s code.
Each decoder is programmed with the manufac-
turer code itself.
1.1
HCS Encoder Overview
The HCS encoders have a small EEPROM array which
must be loaded with several parameters before use.
The most important of these values are:
• A crypt key that is generated at the time of pro-
duction
• A 16-bit synchronization counter value
• A 28-bit serial number which is meant to be
unique for every encoder
The manufacturer programs the serial number for each
encoder at the time of production, while the ‘Key Gen-
eration Algorithm’ generates the crypt key (Figure 1-1).
Inputs to the key generation algorithm typically consist
of the encoder’s serial number and a 64-bit manufac-
turer’s code, which the manufacturer creates.
Note:
The manufacturer code is a pivotal part of
the system’s overall security. Conse-
quently, all possible precautions must be
taken and maintained for this code.


Similar Part No. - HCS515_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515-I-P MICROCHIP-HCS515-I-P Datasheet
324Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515-I-P MICROCHIP-HCS515-I-P Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515-I-SL MICROCHIP-HCS515-I-SL Datasheet
324Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515-I-SL MICROCHIP-HCS515-I-SL Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
More results

Similar Description - HCS515_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
   KEELOQ짰 Code Hopping Decoder
2002
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
   KEELOQ짰 Code Hopping Decoder
01/27/15
HCS512 MICROCHIP-HCS512_11 Datasheet
715Kb / 34P
   KEELOQ짰 Code Hopping Decoder system and high security
2011
HCS500 MICROCHIP-HCS500_11 Datasheet
728Kb / 40P
   KEELOQ짰 Code Hopping Decoder encoders to implement a unidirectional
2011
logo
ATMEL Corporation
AT89SND2CMP3B ATMEL-AT89SND2CMP3B_14 Datasheet
2Mb / 242P
   Stand-alone MP3 Decoder
logo
Microchip Technology
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515 MICROCHIP-HCS515 Datasheet
332Kb / 28P
   KEELOQ CODE HOPPING DECODER
2002
HCS512 MICROCHIP-HCS512 Datasheet
224Kb / 20P
   KEELOQ CODE HOPPING DECODER
1997
HCS515 MICROCHIP-HCS515 Datasheet
324Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS500-I MICROCHIP-HCS500-I Datasheet
403Kb / 34P
   KEELOQ Code Hopping Decoder
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com