Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP15R06W1E3_B11 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # FP15R06W1E3_B11
Description  EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP15R06W1E3_B11 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button FP15R06W1E3_B11 Datasheet HTML 4Page - Infineon Technologies AG FP15R06W1E3_B11 Datasheet HTML 5Page - Infineon Technologies AG FP15R06W1E3_B11 Datasheet HTML 6Page - Infineon Technologies AG FP15R06W1E3_B11 Datasheet HTML 7Page - Infineon Technologies AG FP15R06W1E3_B11 Datasheet HTML 8Page - Infineon Technologies AG FP15R06W1E3_B11 Datasheet HTML 9Page - Infineon Technologies AG FP15R06W1E3_B11 Datasheet HTML 10Page - Infineon Technologies AG FP15R06W1E3_B11 Datasheet HTML 11Page - Infineon Technologies AG FP15R06W1E3_B11 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
;
!"
!"
B :
2F 9 K
:
&
:(
B :
2F 9 K
:
&
:(
B :
2F 9 K
:
&
:(
B :
2F 9 K
:
&
:(
;
: +
2F 9 2
&
(
;
: +
2F 9 2
&
(
;
: +
2F 9 2
&
(
;
: +
2F 9 2
&
(
'43 0 &LU(S '4bb 0 &LU(
'43 0 &LU(S '4bb 0 &LU(
'43 0 &LU(S '4bb 0 &LU(
'43 0 &LU(S '4bb 0 &LU(
)U. 0 ` " )S 2- 0 " 6S )-. 0
)
)U. 0 ` " )S 2- 0 " 6S )-. 0
)
)U. 0 ` " )S 2- 0 " 6S )-. 0
)
)U. 0 ` " )S 2- 0 " 6S )-. 0
)
LU w[y
+
,
;
+
,
; +
++ +,
9
9+
9,
9
9;
9
9+
9,
9
9;
'43S 9PQ 0
"R>
'4bbS 9PQ 0
"R>
'43S 9PQ 0 " R>
'4bbS 9PQ 0 " R>
9
K *
;
2F 9 K
:
9
K *
;
2F 9 K
:
9
K *
;
2F 9 K
:
9
K *
;
2F 9 K
:
:
2F 9
:
2F 9
:
2F 9
:
2F 9
‚EWhl 0 & (
‚EWhl 0 & (
‚EWhl 0 & (
‚EWhl 0 & (
w y
9
9
9
9
‚EWhl 2F 9
Zw ,K y
Zw y
S #
S
"
S"!1
S
"
S !
S "
!
S #
S
B :
L] ?;*
6
: 2F 9 K
&L BI6(
B :
L] ?;*
6
: 2F 9 K
&L BI6(
B :
L] ?;*
6
: 2F 9 K
&L BI6(
B :
L] ?;*
6
: 2F 9 K
&L BI6(
+
2F 9
&L BI6(
+
2F 9
&L BI6(
+
2F 9
&L BI6(
+
2F 9
&L BI6(
2- 0 &)-.(
2- 0 &)-.(
2- 0 &)-.(
2- 0 &)-.(
)U. 0 ` " )S LU4bb 0
[S 9PQ 0 " R>
)U. 0 ` " )S LU4bb 0
[S 9PQ 0 " R>
)U. 0 ` " )S LU4bb 0
[S 9PQ 0 " R>
)U. 0 ` " )S LU4bb 0
[S 9PQ 0 " R>
)-. w)y
+
,
;
:
+
;
+
+,
+8
2-S
2-S >:
:
?
K
:
&
:(
:
?
K
:
&
:(
:
?
K
:
&
:(
:
?
K
:
&
:(
;
:
&
(
;
:
&
(
;
:
&
(
;
:
&
(
2m 0 &)m(
2m 0 &)m(
2m 0 &)m(
2m 0 &)m(
)m w)y
9
9+
9,
9
9;
9
9+
9,
9
9; +9
+9+
+
+
9PQ 0 "R>
9PQ 0
"R>
9PQ 0 " R>


Similar Part No. - FP15R06W1E3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11 Datasheet
831Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11_13 Datasheet
831Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
More results

Similar Description - FP15R06W1E3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP20R06W1E3_B11 INFINEON-FP20R06W1E3_B11 Datasheet
678Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FP10R06W1E3_B11 INFINEON-FP10R06W1E3_B11 Datasheet
673Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:3.0
FB20R06W1E3_B1 INFINEON-FB20R06W1E3_B1 Datasheet
670Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3_B1 INFINEON-FB30R06W1E3_B1 Datasheet
669Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP30R06W1E3 INFINEON-FP30R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3 INFINEON-FP15R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP20R06W1E3 INFINEON-FP20R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB20R06W1E3 INFINEON-FB20R06W1E3 Datasheet
570Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3 INFINEON-FB30R06W1E3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP10R06W1E3 INFINEON-FP10R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com