Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF450R12KE4 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # FF450R12KE4
Description  62mm C-series module with trench/fieldstop IGBT4 and Emitter Controlled diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FF450R12KE4 Datasheet(HTML) 6 Page - Infineon Technologies AG

  FF450R12KE4 Datasheet HTML 1Page - Infineon Technologies AG FF450R12KE4 Datasheet HTML 2Page - Infineon Technologies AG FF450R12KE4 Datasheet HTML 3Page - Infineon Technologies AG FF450R12KE4 Datasheet HTML 4Page - Infineon Technologies AG FF450R12KE4 Datasheet HTML 5Page - Infineon Technologies AG FF450R12KE4 Datasheet HTML 6Page - Infineon Technologies AG FF450R12KE4 Datasheet HTML 7Page - Infineon Technologies AG FF450R12KE4 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Technische Information / technical information
FF450R12KE4
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
#
0
U
W
#
0
U
W
#
0
U
W
#
0
U
W
@
$
U
W
@
$
U
W
@
$
U
W
@
$
U
W
"SPh ( U3fW
"SPh ( U3fW
"SPh ( U3fW
"SPh ( U3fW
B54 (
N1 ,-. ( J
,
B54 (
N1 ,-. ( J
,
B54 (
N1 ,-. ( J
,
B54 (
N1 ,-. ( J
,
3f u8v
0 100 200 300 400 500 600 700 800 900
0
5
10
15
20
25
30
35
40
45
50
55
"SPh1 %&' (
)*+
"SPh1 %&' ( ) *+
#
0
U
W
#
0
U
W
#
0
U
W
#
0
U
W
@
$
U
W
@
$
U
W
@
$
U
W
@
$
U
W
"SPh ( U BW
"SPh ( U BW
"SPh ( U BW
"SPh ( U BW
3f ( 7) 81 ,-. ( J
,
3f ( 7) 81 ,-. ( J
,
3f ( 7) 81 ,-. ( J
,
3f ( 7) 81 ,-. ( J
,
B uNv
0
1
2
3
4
5
6
7
8
9 10
0
5
10
15
20
25
30
35
40
45
50
"SPh1 %&' (
)*+
"SPh1 %&' ( ) *+
%
F
@
0
%
F
@
0
%
F
@
0
%
F
@
0
wAIa- ( U W
wAIa- ( U W
wAIa- ( U W
wAIa- ( U W
u v
0,001
0,01
0,1
1
10
0,001
0,01
0,1
1
wAIa- 0
Mu D
v
Mu v
1
JJ
1
1
J
1
1
)
1 )
7
1
>
1


Similar Part No. - FF450R12KE4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF450R12KE4 INFINEON-FF450R12KE4 Datasheet
465Kb / 8P
   62mm C-Serien Modul mit Trench
2013-11-04 revision:2.2
FF450R12KE4P INFINEON-FF450R12KE4P Datasheet
601Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled HE Diode und bereits aufgetragenem Thermal Interface Material
2016-04-04 revision:V2.0
FF450R12KE4 INFINEON-FF450R12KE4_13 Datasheet
465Kb / 8P
   62mm C-Serien Modul mit Trench
2013-11-04 revision:2.2
FF450R12KE4_E INFINEON-FF450R12KE4_E Datasheet
606Kb / 9P
   62mm C-Serien Modul mit schnellem Trench
2014-03-07 revision:2.0
More results

Similar Description - FF450R12KE4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF450R12KT4 INFINEON-FF450R12KT4 Datasheet
279Kb / 8P
   62mm C-series module with fast trench/fieldstop IGBT4 and Emitter Controlled diode
2008-11-19 revision:2.3
FF200R17KE4 INFINEON-FF200R17KE4 Datasheet
494Kb / 9P
   62mm C-Series module with fast trench/fieldstop IGBT4 and Emitter Controlled 4 diode
2010-10-20 revision:2.2
FZ900R12KP4 INFINEON-FZ900R12KP4 Datasheet
280Kb / 8P
   62mm C-series module with trench/fieldstop IGBT4 and Emitter Controlled4 diode
2009-02-13 revision:2.0
FF300R12KE4_B2 INFINEON-FF300R12KE4_B2 Datasheet
278Kb / 8P
   62mm C-series module with trench/fieldstop IGBT4, Emitter Controlled diode and M5 power terminals
2009-04-17 revision:2.0
FF300R17KE4 INFINEON-FF300R17KE4 Datasheet
495Kb / 9P
   62mm C-Series module with trench/Fieldstopp IGBT4 and Emitter Controlled Diode
2010-10-20 revision:2.2
FZ400R17KE4 INFINEON-FZ400R17KE4 Datasheet
492Kb / 9P
   62mm C-Series module with trench/fieldstopp IGBT4 and Emitter Controlled Diode
2011-01-07 revision:2.2
DF400R12KE3 INFINEON-DF400R12KE3 Datasheet
492Kb / 9P
   62mm C-series module with trench/fieldstop IGBT3 and Emitter Controlled diode
revision: 3.0 2013-10-03
FF300R07KE4 INFINEON-FF300R07KE4 Datasheet
497Kb / 9P
   62mm C-Series module with trench/fieldstopp IGBT4 and Emitter Controlled Diode
2011-01-26 revision:2.0
FZ600R17KE4 INFINEON-FZ600R17KE4 Datasheet
492Kb / 9P
   62mm C-Series module with trench/fieldstopp IGBT4 and Emitter Controlled Diode
2011-01-07 revision:2.2
FF400R07KE4 INFINEON-FF400R07KE4 Datasheet
497Kb / 9P
   62mm C-Series module with trench/fieldstopp IGBT4 and Emitter Controlled Diode
2010-12-21 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com